Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASVTX13 Datasheet(PDF) 4 Page - Abracon Corporation

Part # ASVTX13
Description  Suitable for RoHS complaint reflow
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASVTX13 Datasheet(HTML) 4 Page - Abracon Corporation

  ASVTX13 Datasheet HTML 1Page - Abracon Corporation ASVTX13 Datasheet HTML 2Page - Abracon Corporation ASVTX13 Datasheet HTML 3Page - Abracon Corporation ASVTX13 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ASVTX-13/ASTX-13
ULTRA MINIATURE SMD VC/TCXO
2.0 x 1.6 x 0.8mm
REFLOW PROFILE:
REFLOW PROFILE:
T: 1000pcs/reel
T3: 3000pcs/reel
T4: 4000pcs/reel (STD)
Dimensions: mm
ATTENTION: Abracon LLC products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applica-tions.
Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where
component failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and
authorization from Abracon LLC is required. Please contact Abracon LLC for more information.
ABRACON IS
5101 Hidden Creek Lane Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sale please visit:
www.abracon.com
REVISED: 01.27.2017
LLC
ISO9001-2008
CERTIFIED
A
B
C
D
E
2.0±/-0.05
2.4±/-0.05
8.0±/-0.2
3.5±/-0.05
1.75±/-0.1
F
G
H
I
J
4.0±/-0.1
2.0±/-0.05
4.0±/-0.1
1.5+0.1/-0
1.0+0.1/-0
K
t
0.9±/-0.05
0.25±/-0.05
Moisture Sensitivity
Level (MSL) –1
ESD Sensitive
Pb RoHS
Compliant



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com