Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASVTX13 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASVTX13
Description  Suitable for RoHS complaint reflow
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASVTX13 Datasheet(HTML) 1 Page - Abracon Corporation

  ASVTX13 Datasheet HTML 1Page - Abracon Corporation ASVTX13 Datasheet HTML 2Page - Abracon Corporation ASVTX13 Datasheet HTML 3Page - Abracon Corporation ASVTX13 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ASVTX-13/ASTX-13
ULTRA MINIATURE SMD VC/TCXO
STANDARD SPECIFICATIONS:
APPLICATIONS:
• Cellular and cordless phones
• Mobile communication equipment
• Portable radio equipment and music player
• Phase Locked Loop
FEATURES:
• Industry smallest 2.0 x 1.6 x 0.8mm
• Low current consumption 1.5mA at 26MHz
• Vc function ideal for PLL application
• Suitable for RoHS complaint reflow
2.0 x 1.6 x 0.8mm
Pb RoHS
Compliant
CE
ABRACON IS
R
Parameters
Minimum
Typical
Maximum
Units
Notes
Frequency Range
10
-----
52
MHz
Standard Frequencies
10, 16.368, 19.2, 26, 38.4, 52
MHz
Operating Temperature
-30
-----
+75
°C
Storage Temperature
-40
-----
+85
°C
Frequency Stability ∆f/f0 vs
-2.0
-----
+2.0
ppm
+25°C, Vcon=1.4V
After 2- reflow
Tolerance (@+25°C)
Temperature (ref. to +25°C)
-1.5
-----
+1.5
See option (Table 1)
Supply Voltage Change (Vdd±5%)
-0.2
-----
+0.2
Load Change (ZL±10%)
-0.2
-----
+0.2
Supply Voltage (Vdd)
+2.85
+3.0
+3.15
V
Option A
+2.66
+2.8
+2.94
Option B
+1.71
+1.8
+1.89
Option C
Aging (first year @+25±2°C)
-1.0
-----
+1.0
ppm
Supply Current (Icc)
-----
-----
1.5
mA
16.368MHz,-30 to +85°C
-----
-----
1.5
19.200MHz,-30 to +85°C
-----
-----
1.5
26.000MHz,-30 to +85°C
-----
-----
2.0
38.400MHz,-30 to +85°C
Startup Time
-----
-----
3.0
ms
90% Vp-p ±0.5ppm
Moisture Sensitivity
Level (MSL) –1
• Standard reference oscialltor for test equipment
16.368MHz VCTCXO is available
upon request. Please contact
Abracon for details.
ABRACON IS
ISO9001-2008
5101 Hidden Creek Lane Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sale, please visit:
www.abracon.com
REVISED: 01.27.2017
CERTIFIED
LLC
+3.135
+3.3
+3.465
Option D
Voltage Control Function
(for ASVTX-13)
Control Voltage (Vcon)
Vdd=3.3V
+0.5
+2.4
Vdc
19.200MHz
26.000MHz
38.400MHz
Vdd=2.8V
+0.4
+1.5
+0.3
+1.5
+2.5
+1.5
+2.5
Vdd=3.0V
Vdd=1.8V
+0.5
+1.4
+0.9
ESD Sensitive


Similar Part No. - ASVTX13

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASVTX-09 ABRACON-ASVTX-09 Datasheet
154Kb / 2P
VOLTAGE CONTROLLED TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
5.03.07
ASVTX-09 ABRACON-ASVTX-09 Datasheet
155Kb / 2P
VOLTAGE CONTROLLED TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
09.20.07
ASVTX-09 ABRACON-ASVTX-09_07 Datasheet
155Kb / 2P
VOLTAGE CONTROLLED TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
09.20.07
ASVTX-11 ABRACON-ASVTX-11 Datasheet
3Mb / 2P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
3.20.07
ASVTX-11 ABRACON-ASVTX-11 Datasheet
206Kb / 2P
VOLTAGE CONTROLLED TEMPERATURE COMPENSATED SMD CRYSTAL OSCILLATOR
02.25.08
More results

Similar Description - ASVTX13

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASTX-11 AVAGO-ASTX-11 Datasheet
959Kb / 2P
Low current consumption 1.5mA for 19.68MHz Suitable for RoHS reflow profile
logo
List of Unclassifed Man...
ANT-433-SP ETC2-ANT-433-SP Datasheet
286Kb / 1P
Suitable for hand- or reflow-assembly
ANT-916-SP ETC2-ANT-916-SP Datasheet
285Kb / 1P
Suitable for hand- or reflow-assembly
logo
Abracon Corporation
ASAK ABRACON-ASAK Datasheet
1Mb / 3P
Suitable for RoHS compliant reflow
11.09.15
logo
OSRAM GmbH
BP104SR OSRAM-BP104SR Datasheet
434Kb / 13P
Suitable for reflow soldering
SFH2200FA OSRAM-SFH2200FA Datasheet
604Kb / 13P
Suitable for reflow soldering
SFH2201 OSRAM-SFH2201 Datasheet
488Kb / 12P
Suitable for reflow soldering
SFH-2200 OSRAM-SFH-2200 Datasheet
673Kb / 13P
Suitable for reflow soldering
SFH-2200-FA OSRAM-SFH-2200-FA Datasheet
604Kb / 13P
Suitable for reflow soldering
SFH-2201 OSRAM-SFH-2201 Datasheet
488Kb / 12P
Suitable for reflow soldering
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com