Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASVTX13 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASVTX13
Description  Suitable for RoHS complaint reflow
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASVTX13 Datasheet(HTML) 2 Page - Abracon Corporation

  ASVTX13 Datasheet HTML 1Page - Abracon Corporation ASVTX13 Datasheet HTML 2Page - Abracon Corporation ASVTX13 Datasheet HTML 3Page - Abracon Corporation ASVTX13 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ASVTX-13/ASTX-13
ULTRA MINIATURE SMD VC/TCXO
2.0 x 1.6 x 0.8mm
OPTIONS & PART IDENTIFICATION:
(Left blank if standard)
Parameters
Minimum
Typical
Maximum
Units
Notes
Frequency Tuning Transition
Positive
Output Voltage
0.8
-----
-----
Vp-p
Harmonics
-----
-----
-5.0
dBc
Load
10kΩ//10pF
Waveform
Clipped Sine Wave
Phase Noise
10Hz offset from the carrier
-----
-----
-80
dBc/Hz
Applicable to all
standard available
frequencies with
Vdd = +1.8V, +2.8
& +3.0V, +3.3V
100Hz offset from the carrier
-----
-----
-105
1kHz offset from the carrier
-----
-----
-130
10kHz offset from the carrier
-----
-----
-144
100kHz offset from the carrier
-----
-----
-144
ASVTX-13 or ASTX-13 - -
MHz -
-
Vdd (V)
A: 3.0V±5%
B: 2.8V±5%
C: 1.8V±5%
Frequency in MHz
Please specify the
frequency in MHz.
e.g. 19.200MHz
26.000MHz
Packaging
Blank: Bulk
T: 1000pcs/reel
T3: 3000pcs/reel
T4: 4000pcs/reel (STD)
Table 1: Frequency Stability vs Operating Temperature
±0.5ppm
±1.0ppm
±1.5ppm
±2.0ppm
-10°C ~ +75°C
A05
A10
A15
A20
-30°C ~ +75°C
B05
B10
Std.(Blank)
B20
-30°C ~ +80°C
C05
C10
C15
C20
-30°C ~ +85°C
D05
D10
D15
D20
ABRACON IS
ABRACON IS
ISO9001-2008
5101 Hidden Creek Lane Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sale, please visit:
www.abracon.com
REVISED: 01.27.2017
CERTIFIED
LLC
-40°C ~ +85°C
I05
I10
I15
I20
D: 3.3V±5%
Frequency Tuning Range @Vcon (min)
-5.5
-9.5
ppm
@Vcon (max)
+5.5
+9.5
Pb RoHS
Compliant
Moisture Sensitivity
Level (MSL) –1
ESD Sensitive



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com