Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASVTX13 Datasheet(PDF) 3 Page - Abracon Corporation

Part # ASVTX13
Description  Suitable for RoHS complaint reflow
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASVTX13 Datasheet(HTML) 3 Page - Abracon Corporation

  ASVTX13 Datasheet HTML 1Page - Abracon Corporation ASVTX13 Datasheet HTML 2Page - Abracon Corporation ASVTX13 Datasheet HTML 3Page - Abracon Corporation ASVTX13 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
||||||||||| | | | |
ASVTX-13/ASTX-13
ULTRA MINIATURE SMD VC/TCXO
2.0 x 1.6 x 0.8mm
CERTIFIED
ABRACON IS
RECOMMENDED TEST CIRCUIT
ASVTX-13
ASTX-13
VCTCXO
TCXO
Dimensions: inches (mm)
MECHANINCAL DIMENSIONS:
ABRACON IS
ABRACON IS
ISO9001-2008
5101 Hidden Creek Lane Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sale, please visit:
www.abracon.com
REVISED: 01.27.2017
CERTIFIED
LLC
Recommended Land Pattern
ASVTX-13 VCTCXO
ASTX-13 TCXO
Note 1:
Terminal Coplanarity: 80µm max.
Note 2:
Electrode: Cu + Ni + Au
(10µ min. + 3µ min. + 0.03µ min.)
Note: It is recommended that a by-pass capacitor of 0.01uF
value be placed between pin #2 and pin #4 and an
AC-coupling capacitor of the same value be placed in
series with pin#3 for optimal performance.
For ASTX (TCXO), please connect pin #1 and #2 to GND.
Moisture Sensitivity
Level (MSL) –1
ESD Sensitive
Pb RoHS
Compliant



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com