Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8044 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8044
Description  Four-Port USB 3.1 Gen1 Hub with USB Billboard
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8044 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TUSB8044 Datasheet HTML 17Page - Texas Instruments TUSB8044 Datasheet HTML 18Page - Texas Instruments TUSB8044 Datasheet HTML 19Page - Texas Instruments TUSB8044 Datasheet HTML 20Page - Texas Instruments TUSB8044 Datasheet HTML 21Page - Texas Instruments TUSB8044 Datasheet HTML 22Page - Texas Instruments TUSB8044 Datasheet HTML 23Page - Texas Instruments TUSB8044 Datasheet HTML 24Page - Texas Instruments TUSB8044 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 61 page
background image
21
TUSB8044
www.ti.com
SLLSEW5 – APRIL 2017
Product Folder Links: TUSB8044
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.4 Device Functional Modes
8.4.1 External Configuration Interface
The TUSB8044 supports a serial interface for configuration register access. The device may be configured by an
attached I2C EEPROM or accessed as a slave by an external SMBus master. The external interface is enabled
when both the SCL/SMBCLK and SDA/SMBDAT pins are pulled up to 3.3 V at the de-assertion of reset. The
mode, I2C master or SMBus slave, is determined by the state of SMBUSz/SS_SUSPEND pin at reset. With the
integrated USB HID to I2C master, the I2C interface can also be used to program an external EEPROM or
perform updates of an external MCU's firmware.
8.4.2 I2C EEPROM Operation
The TUSB8044 supports a single-master, fast mode (400KHz) connection to a dedicated I2C EEPROM when the
I2C interface mode is enabled. In I2C mode, the TUSB8044 reads the contents of the EEPROM at bus address
1010000b using 7-bit addressing starting at address 0. The TUSB8044 will read the entire EEPROM contents
using a single burst read transaction. The burst read transaction will end when the address reaches 2DFh.
If the value of the EEPROM contents at address byte 00h equals 55h, the TUSB8044 loads the configuration
registers according to the EEPROM map. If the first byte is not 55h, the TUSB8044 exits the I2C mode and
continues execution with the default values in the configuration registers. The hub will not connect on the
upstream port until the configuration is completed.
NOTE
The bytes located above offset Ah are optional. The requirement for data in those
addresses is dependent on the options configured in the Device Configuration, and Device
Configuration 2 registers.
The minimum size I2C EEPROM required is 8Kbit.
For details on I2C operation refer to the UM10204 I2C-bus Specification and User Manual.
8.4.3 Port Configuration
The TUSB8044 port configurations can be selected by registers or efuse. The Port Used Configuration register
(USED[3:0]) define how many ports can possibly be reported by the hub. The device removable configuration
register (RMBL[3:0]) define if the ports that are reported as used have permanently connected devices or not.
The USB 2.0 Only Port register (USB2_ONLY[3:0]) define whether or a used port is reported as part of the USB
2.0 hub or both the USB2.0 and USB3.1 hubs. The USB2_ONLY field will enable the USB2.0 port even if the
corresponding USED bit is low. The internal HID port will always be the second highest number USB2.0 port.
The billboard port will always be the highest number USB2.0 port. The table below shows examples of the
possible combinations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com