Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8044 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8044
Description  Four-Port USB 3.1 Gen1 Hub with USB Billboard
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8044 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TUSB8044 Datasheet HTML 45Page - Texas Instruments TUSB8044 Datasheet HTML 46Page - Texas Instruments TUSB8044 Datasheet HTML 47Page - Texas Instruments TUSB8044 Datasheet HTML 48Page - Texas Instruments TUSB8044 Datasheet HTML 49Page - Texas Instruments TUSB8044 Datasheet HTML 50Page - Texas Instruments TUSB8044 Datasheet HTML 51Page - Texas Instruments TUSB8044 Datasheet HTML 52Page - Texas Instruments TUSB8044 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 61 page
background image
BOARD_1P1V
BOARD_3P3V
0.1µF
C63
0.1µF
C64
0.1µF
C65
0.1µF
C66
0.1µF
C67
0.1µF
C68
10µF
C70
0.1µF
C69
0.1µF
C71
0.1µF
C72
0.1µF
C73
0.1µF
C74
220 ohm
FB4
220 ohm
FB5
GND
GND
3P3V
1P1V
VDD
5
VDD
8
VDD
13
VDD
21
VDD
28
VDD
31
VDD
51
VDD
57
VDD33
16
VDD33
34
VDD33
52
VDD33
63
NC
60
VSS
65
U1H
TUSB8044RGCR
10µF
C75
Copyright © 2017, Texas Instruments Incorporated
49
TUSB8044
www.ti.com
SLLSEW5 – APRIL 2017
Product Folder Links: TUSB8044
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9.2.1.2.10
TUSB8044 Power Implementation
Figure 45. TUSB8044 Power Implementation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com