Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8044 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8044
Description  Four-Port USB 3.1 Gen1 Hub with USB Billboard
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8044 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TUSB8044 Datasheet HTML 35Page - Texas Instruments TUSB8044 Datasheet HTML 36Page - Texas Instruments TUSB8044 Datasheet HTML 37Page - Texas Instruments TUSB8044 Datasheet HTML 38Page - Texas Instruments TUSB8044 Datasheet HTML 39Page - Texas Instruments TUSB8044 Datasheet HTML 40Page - Texas Instruments TUSB8044 Datasheet HTML 41Page - Texas Instruments TUSB8044 Datasheet HTML 42Page - Texas Instruments TUSB8044 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 61 page
background image
39
TUSB8044
www.ti.com
SLLSEW5 – APRIL 2017
Product Folder Links: TUSB8044
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.5.26 Billboard String1 Length
Figure 27. Register Offset 2Ch (Billboard String1 Length)
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
1
0
1
1
0
0
Table 33. Bit Descriptions – Billboard String1 Length.
Bit
Field
Type
Description
7:0
BBString1Len
RW
Billboard String1Len. This field indicates the length in number of
UNICODE characters of the Billboard string1. This is not the length of
the string descriptor. BBString1Len size + BBString2Len size must be
<= 480 bytes, or < 480 if # characters in string 1 is odd, because string
2 must start on an address that is a multiple of 4 (bytes).
The bLength field of the Additional Info URL string descriptor is 2 + (2 *
BBString1Len).
This field defaults to 0x2C but can be changed using an external I2C
EEPROM or SMBus.
8.5.27 Billboard String2 Length
Figure 28. Register Offset 2Dh (Billboard String2 Length)
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
1
0
1
1
0
0
Table 34. Bit Descriptions – Billboard String2 Length.
Bit
Field
Type
Description
7:0
BBString2Len
RW
Billboard String2Len. This field indicates the length in number of
UNICODE characters of the Billboard string2. This is not the length of
the string descriptor.
The bLength field of the Alternate Mode string descriptor is 2 + (2 *
BBString2Len).
This field defaults to 0x2D but can be changed using an external I2C
EEPROM or SMBus.
8.5.28 Serial Number String Registers
Figure 29. Register Offset 30h-4Fh
Bit No.
7
6
5
4
3
2
1
0
Reset State
X
X
x
x
x
x
x
x
Table 35. Bit Descriptions – Serial Number Registers
Bit
Field
Type
Description
7:0
serialNumber[n]
RO/RW
Serial Number byte N. The serial number returned in the Serial
Number string descriptor at string index 1. The default value of these
registers is assigned by TI. When customSernum is 1, these registers
may be over-written by EEPROM contents or by an SMBus host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com