Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8044 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8044
Description  Four-Port USB 3.1 Gen1 Hub with USB Billboard
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8044 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TUSB8044 Datasheet HTML 12Page - Texas Instruments TUSB8044 Datasheet HTML 13Page - Texas Instruments TUSB8044 Datasheet HTML 14Page - Texas Instruments TUSB8044 Datasheet HTML 15Page - Texas Instruments TUSB8044 Datasheet HTML 16Page - Texas Instruments TUSB8044 Datasheet HTML 17Page - Texas Instruments TUSB8044 Datasheet HTML 18Page - Texas Instruments TUSB8044 Datasheet HTML 19Page - Texas Instruments TUSB8044 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 61 page
background image
16
TUSB8044
SLLSEW5 – APRIL 2017
www.ti.com
Product Folder Links: TUSB8044
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.3.3.1 SET REPORT (Output)
Report length includes overhead bytes (1 byte of opcode, 1 byte of device address and 2 bytes of data length)
and must match the number of bytes sent in the data stage or the request will be stalled.
•
1-byte opcode
–
0x01 read I2C
–
0x02 write I2C with stop
–
0x03 write I2C without stop (use to set sub-address prior to read)
•
1-byte I2C slave (7-bit) address
•
2-byte I2C transaction data length
•
"length" bytes of Data for a write, but none for a read.
Set Report status stage reports only the status of the receipt and validity of the request, not the status of the I2C
transaction. As long as the fields construct a valid request, the status stage will be Acked by a null packet.
Otherwise, it will be STALLed. For example, if the report_length is longer than the amount of data sent before the
status stage or the wLength is greater than the number of bytes of data sent in the data stage, the status stage
will be STALLed. If the number of bytes sent in the data stage is greater than wLength or report_length, the data
stage will be STALLED.
Software shall ensure properly formatted commands and data responses. The sum of the start address and
wLength shall be less than the total size of the address range of the target device in a properly formatted
command. Hardware shall wrap any data addresses above FFFFh and shall discard any data transmitted greater
than wLength and return STALL. A STALL will also be returned if opcode is 00h.
The I2C master that performs the I2C reads and writes initiated through USB HID interface supports clock
stretching. It operates at 400 kHz by default, but can be configured for 100 kHz through eFuse or register.
If the TUSB8044 is suspended (L2) by the USB host, the USB HID interface must enter suspend, but the I2C
master shall remain active while attempting to complete an active I2C write request. An active I2C read request
may be aborted if the TUSB8044 enters USB suspend state. Per the USB specification, the USB host should not
suspend the HID interface while an I2C read or write is still in progress. The USB HID interface shall refuse
requests to enter USB 2.0 sleep mode (L1) while an I2C read or write is in progress.
8.3.3.2 GET REPORT (Feature)
This HID Report will always return a 2-byte constant (0x82FF) which can be used to identify compatible HID
devices even if the customer changes the VID/PID.
8.3.3.3 GET REPORT (Input)
A report length of one reports the status byte only. To receive a report with data, the report length must be the
length of the data, plus one byte for status and two bytes for the length field.
•
1-byte Status
–
0 Success
–
1 Fail — timeout (35 ms)
–
2 Fail — Address nak
–
3 Fail — data nak
•
2-byte length
•
"length" bytes of Data for a read, but not for a write or a feature report.
A Get Report (input) request is required for both read and write. The interrupt endpoint will NAK until the I2C
transaction is complete, so that it can report length, data for a read, and final status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com