Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5372 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS5372
Description  LOW POWER HIGH PERFORMANCE MODULATORS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5372 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS5372 Datasheet HTML 3Page - Cirrus Logic CS5372 Datasheet HTML 4Page - Cirrus Logic CS5372 Datasheet HTML 5Page - Cirrus Logic CS5372 Datasheet HTML 6Page - Cirrus Logic CS5372 Datasheet HTML 7Page - Cirrus Logic CS5372 Datasheet HTML 8Page - Cirrus Logic CS5372 Datasheet HTML 9Page - Cirrus Logic CS5372 Datasheet HTML 10Page - Cirrus Logic CS5372 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
CS5371/CS5372
DS255PP2
7
2. GENERAL DESCRIPTION.
The CS5371 and CS5372 are one and two channel
fourth-order
∆−Σ modulators, optimized for ex-
tremely high resolution measurement of signals be-
tween DC and 1644 Hz. They are designed to be
used with the CS5376 low power multi-channel
decimation filter. Figure 3 on page 8 shows a four-
channel system connection diagram for two
CS5372 and one CS5376.
High Performance
The CS5371/CS5372 modulators have exceptional
performance characteristics. Modulator dynamic
range (SNR) is 124 dB over a 411 Hz bandwidth,
with total harmonic distortion (THD) of -118 dB.
Low Power Consumption
The CS5371/CS5372 modulators have very low
power consumption. Power consumption is only
25 mW per channel in normal mode (LPWR=0,
MCLK=2.048 MHz), and 15 mW per channel in
low power mode (LPWR=1, MCLK=1.024 MHz).
An independently selectable power-down mode
(PWDN=1) can be used to disable a modulator and
reduces its power consumption to 1 mW. If MCLK
is then halted (MCLK=0), the modulator enters a
micropower state using only 10 µW per channel.
Small Package Size
The CS5371/CS5372 modulators are available in a
very small 24-pin SSOP package approximately
8 mm x 8 mm in size. The CS5372 has two modu-
lator channels per package to increase board layout
density even further.
Multi-Channel System Support
Combining the CS5371 and CS5372 modulators
with the CS5376 digital filter permits multiple
channel system configurations to be supported.
1 Channel - CS5371, CS5376
2 Channel - CS5372, CS5376
3 Channel - CS5371, CS5372, CS5376
4 Channel - CS5372, CS5372, CS5376
Differential Analog Signal Inputs
The CS5371/CS5372 modulators have differential
analog inputs capable of measuring signals up to
5.0 V peak-to-peak (2.5 V fully differential) when
using a 2.5 V voltage reference. The inputs will
tolerate a 5% over-range voltage and continue op-
erating at full specification.
Digital Filter Interface
The CS5371/CS5372 modulators are designed to
operate with the CS5376 digital filter. The CS5376
generates the modulator clock and synchronization
signal inputs (MCLK and MSYNC), while receiv-
ing the modulator data and over-range flag outputs
(MDATA and MFLAG). The modulators produce
an oversampled
∆−Σ serial bit stream at 512 kbits
per second when operated from a 2.048 MHz mod-
ulator clock.
Multiple Power Supply Configurations
The CS5371/CS5372 modulators support multiple
power supply configurations. They can run from
single or dual supplies in the following configura-
tions:
s VA+ = +5V;
VA- = 0V;
VD = +3V to +5V
s VA+ = +2.5V; VA- = -2.5V; VD = +3V to +5V
s VA+ = +3V;
VA- = -3V;
VD = +3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com