Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5372 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS5372
Description  LOW POWER HIGH PERFORMANCE MODULATORS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5372 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS5372 Datasheet HTML 8Page - Cirrus Logic CS5372 Datasheet HTML 9Page - Cirrus Logic CS5372 Datasheet HTML 10Page - Cirrus Logic CS5372 Datasheet HTML 11Page - Cirrus Logic CS5372 Datasheet HTML 12Page - Cirrus Logic CS5372 Datasheet HTML 13Page - Cirrus Logic CS5372 Datasheet HTML 14Page - Cirrus Logic CS5372 Datasheet HTML 15Page - Cirrus Logic CS5372 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
CS5371/CS5372
12
DS255PP2
VREF- pin connected to VA-. Because most 2.5 V
voltage references require a power supply voltage
greater than 3 V to operate, when powering the
voltage reference from dual ±2.5 V or ±3.0 V sup-
plies the reference voltage into the VREF+ pin is
defined relative to the VA- supply.
The selected voltage reference should produce less
than 1
µVrms of noise in the measurement band-
width on the VREF+ pin. The CS5376 digital filter
output word rate selection determines the band-
width over which voltage reference noise affects
the CS5371/CS5372 modulator dynamic range.
6.1.
Voltage Reference Configurations
For a 2.5 V reference, the Linear Technology
LT1019-2.5 voltage reference yields low enough
noise if the output is filtered with a low pass RC fil-
ter as shown in Figure 6. The filtered version in
Figure 6 is acceptable for most spectral measure-
ment applications, but a buffered version with low-
er source impedance, Figure 7, may be preferred
for DC measurement applications. The configura-
tion shown in Figure 7 can use a Linear Technolo-
gy LT1077 or similar low voltage op-amp to buffer
the voltage reference output.
6.2.
VREF Input Impedance
Due to the dynamic switched-capacitor input archi-
tecture the input current required from the voltage
reference, and thus the input impedance of the
modulator VREF+ pin, will change any time
MCLK is changed. The input impedance of the
voltage reference input is calculated similar to the
analog signal input impedance as [1 / (f * C)]
where f is the modulator clock frequency, MCLK,
200
Ω
To VREF+
Option A
To VREF -
0.1
µF
68
µF
+
+3 V
2.5 REF
0.1
µF
10
µF
-3 V
0.1
µF
10
µF
Figure 6. 2.5 Voltage Reference Option A
+
-
49.9
Ω
1k
Ω
100
Ω
1k
Ω
10k
Ω
100
µF
AL
+
+
To VREF+
Option B
AL
OPAMP
To VREF -
0.1
µF
68
µF
Tant
+
100
µF
+3 V
2.5 REF
0.1
µF
10
µu
-3 V
0.1
µF
10
µu
Figure 7. 2.5 Voltage Reference Option B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com