Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5372 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS5372
Description  LOW POWER HIGH PERFORMANCE MODULATORS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5372 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS5372 Datasheet HTML 12Page - Cirrus Logic CS5372 Datasheet HTML 13Page - Cirrus Logic CS5372 Datasheet HTML 14Page - Cirrus Logic CS5372 Datasheet HTML 15Page - Cirrus Logic CS5372 Datasheet HTML 16Page - Cirrus Logic CS5372 Datasheet HTML 17Page - Cirrus Logic CS5372 Datasheet HTML 18Page - Cirrus Logic CS5372 Datasheet HTML 19Page - Cirrus Logic CS5372 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
CS5371/CS5372
16
DS255PP2
When using dual power supplies, it is recommend-
ed to connect the VA- analog supply pin to system
ground using a reversed biased Schottky diode.
This configuration clamps the VA- pin a maximum
of 0.3 V above ground to ensure SCR latch-up does
not occur during power up. If the VA+ supply
ramps before the VA- supply, the VA- pin can be
pulled above ground through the CS5371/CS5372.
If the VA- supply pin is unintentionally pulled
0.7 V above the DGND pin, SCR latch-up can oc-
cur.
9.4.
DC-DC Converter Considerations
Many measurement systems are battery powered
and utilize DC-DC converters to generate the nec-
essary supply voltages for the system. To mini-
mize the effects of interference, it is desirable to
operate the DC-DC converter at a frequency which
is rejected by the digital filter, or else synchronous-
ly to the modulator sample clock rate. A synchro-
nous DC-DC converter whose operating frequency
is derived from MCLK minimizes the potential for
‘beat frequencies’ appearing in the measurement
band.
9.5.
Power Supply Rejection
Power supply rejection of the CS5371/CS5372
modulators is frequency dependent. The CS5376
digital filter rejects power supply noise for frequen-
cies above the filter corner frequency. For frequen-
cies between DC and the digital filter corner
frequency, power supply rejection is nearly con-
stant at 90 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com