Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5372 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS5372
Description  LOW POWER HIGH PERFORMANCE MODULATORS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5372 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS5372 Datasheet HTML 9Page - Cirrus Logic CS5372 Datasheet HTML 10Page - Cirrus Logic CS5372 Datasheet HTML 11Page - Cirrus Logic CS5372 Datasheet HTML 12Page - Cirrus Logic CS5372 Datasheet HTML 13Page - Cirrus Logic CS5372 Datasheet HTML 14Page - Cirrus Logic CS5372 Datasheet HTML 15Page - Cirrus Logic CS5372 Datasheet HTML 16Page - Cirrus Logic CS5372 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
CS5371/CS5372
DS255PP2
13
and C is the internal sampling capacitor.
A
2.048 MHz MCLK yields a voltage reference input
impedance
of
approximately
[1 / (2.048 MHz)*(20 pF)], or about 24 kohms.
6.3.
Gain Accuracy
Gain accuracy of the CS5371/CS5372 modulators
is affected by variation of the voltage reference in-
put. A change in the voltage reference input im-
pedance due to a change in MCLK could affect
gain accuracy when using the higher source imped-
ance configuration of Figure 6. The VREF+ pin in-
put impedance and the external low-pass filter
resistor create a resistive voltage divider for the
output reference voltage, reducing the effective
voltage reference input. If gain error is to be mini-
mized, especially when MCLK is to be changed,
the voltage reference should have a low output im-
pedance to minimize the effect of the resistive volt-
age divider.
The buffered voltage reference
configuration of Figure 7 offers lower output im-
pedance and more stable gain characteristics.
6.4.
Gain Drift
Gain drift of the CS5371/CS5372 modulators due
to temperature is around 5 ppm/°C, and does not in-
clude the temperature drift characteristics of the ex-
ternal voltage reference. Gain drift is not affected
by the modulator sample rate or by power supply
variations.
7. DIGITAL FILTER INTERFACE
The CS5371/CS5372 modulators are designed to
operate with the CS5376 digital filter. The CS5376
generates the modulator clock and synchronization
signal inputs (MCLK and MSYNC), while receiv-
ing the modulator data and over-range flag outputs
(MDATA and MFLAG). The modulators produce
an oversampled
∆−Σ serial bit stream at 512 kbits
per second when operated from a 2.048 MHz mod-
ulator clock.
7.1.
Modulator Clock - MCLK
For proper operation, the CS5371/CS5372 modula-
tors must be provided with a CMOS compatible
clock on the MCLK pin. MCLK is internally divid-
ed by four to generate the modulator sampling
clock. MCLK must have less than 300 ps of in-
band jitter to maintain full performance specifica-
tions.
When used with the CS5376 digital filter, MCLK is
automatically
generated
and
is
typically
2.048 MHz or 1.024 MHz. MCLK can be generat-
ed by other means, using a crystal oscillator for ex-
ample, and can run any rate between 100 kHz and
2.2 MHz. If MCLK is disabled, the modulators are
placed into a micro-power state.
They are
equipped with loss of clock detection circuitry to
force power down if MCLK is removed.
The choice of MCLK frequency affects the perfor-
mance of the CS5371/CS5372 modulators. They
exhibit the best dynamic range (SNR) performance
with faster MCLK rates because of increased over-
sampling of the analog input signal. The modula-
tors exhibit the best total harmonic distortion
(THD) performance with slower MCLK rates be-
cause slower sampling allows more time to settle
the analog input signal.
7.2.
Modulator Data - MDATA
The CS5371/CS5372 modulators output a
∆−Σ se-
rial bitstream to the MDATA pin, with a one’s den-
sity proportional to the amplitude of the analog
input signal and a bit rate determined by the modu-
lator sampling clock.
The modulator sampling
clock is a divide by four of MCLK, so for a
2.048 MHz MCLK the modulator sampling clock
and MDATA output bit rate will be 512 kHz.
The MDATA output has a one’s density defined as
nominal 50% for no signal input, 86% for positive
full scale, and 14% for negative full scale. It has a
maximum positive over-range capability to 93%
and a maximum negative over-range capability to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com