Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

I960 Datasheet(PDF) 21 Page - Intel Corporation

Part # I960
Description  i960 RP/RD I/O PROCESSOR AT 3.3 VOLTS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

I960 Datasheet(HTML) 21 Page - Intel Corporation

Back Button I960 Datasheet HTML 17Page - Intel Corporation I960 Datasheet HTML 18Page - Intel Corporation I960 Datasheet HTML 19Page - Intel Corporation I960 Datasheet HTML 20Page - Intel Corporation I960 Datasheet HTML 21Page - Intel Corporation I960 Datasheet HTML 22Page - Intel Corporation I960 Datasheet HTML 23Page - Intel Corporation I960 Datasheet HTML 24Page - Intel Corporation I960 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
i960
® Rx I/O Processor at 3.3 V
ADVANCE INFORMATION
15
Table 7. PCI Signal Descriptions (Sheet 1 of 3)
NAME
TYPE
DESCRIPTION1
P_AD31:0
I/O
K(Q)
R(Z)
PRIMARY PCI ADDRESS/DATA is the primary multiplexed PCI address
and data bus.
P_C/BE3:0#
I/O
K(Q)
R(Z)
PRIMARY PCI BUS COMMAND and BYTE ENABLE signals are
multiplexed on the same PCI signals. During an address phase,
P_C/BE3:0# define the bus command. During a data phase, P_C/BE3:0#
are used as byte enables.
P_DEVSEL#
I/O
R(Z)
PRIMARY PCI BUS DEVICE SELECT is driven by a target agent that has
successfully decoded the address. As an input, it indicates whether or not
an agent has been selected.
P_FRAME#
I/O
R(Z)
PRIMARY PCI BUS CYCLE FRAME is asserted to indicate the beginning
and duration of an access on the Primary PCI bus.
P_GNT#
I
R(Z)
PRIMARY PCI BUS GRANT indicates to the agent that access to the bus
has been granted. This is a point-to-point signal.
P_IDSEL
I
S(L)
PRIMARY PCI BUS INITIALIZATION DEVICE SELECT selects the
80960Rx during a Configuration Read or Write command on the primary
PCI bus.
P_INT[A:D]#
O
OD
R(Z)
PRIMARY PCI BUS INTERRUPT requests an interrupt. The assertion and
deassertion of P_INTx# is asynchronous to S_CLK. A device asserts its
P_INTx# line when requesting attention from its device driver. Once the
P_INTx# signal is asserted, it remains asserted until the device driver
clears the pending request. P_INTx# Interrupts are level sensitive.
P_IRDY#
I/O
R(Z)
PRIMARY PCI BUS INITIATOR READY indicates the initiating agent’s
(bus master’s) ability to complete the current data phase of the transaction.
P_LOCK#
I
S(L)
PRIMARY PCI BUS LOCK indicates an atomic operation that may require
multiple transactions to complete.
P_PAR
I/O
K(Q)
R(Z)
PRIMARY PCI BUS PARITY. This signal ensures even parity across
P_AD31:0 and P_C/BE3:0. All PCI devices must provide a parity signal.
P_PERR#
I/O
R(Z)
PRIMARY PCI BUS PARITY ERROR is used for reporting data parity
errors during all PCI transactions except a special cycle.
P_REQ#
O
K(Q)
R(Z)
PRIMARY PCI BUS REQUEST indicates to the arbiter that this agent
desires use of the bus. This is a point to point signal.
NOTE:
1. PCI signal functions are summarized in this data sheet; refer to the
PCI Local Bus Specification Revision
2.1 for a more complete definition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com