Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

I960 Datasheet(PDF) 39 Page - Intel Corporation

Part # I960
Description  i960 RP/RD I/O PROCESSOR AT 3.3 VOLTS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

I960 Datasheet(HTML) 39 Page - Intel Corporation

Back Button I960 Datasheet HTML 35Page - Intel Corporation I960 Datasheet HTML 36Page - Intel Corporation I960 Datasheet HTML 37Page - Intel Corporation I960 Datasheet HTML 38Page - Intel Corporation I960 Datasheet HTML 39Page - Intel Corporation I960 Datasheet HTML 40Page - Intel Corporation I960 Datasheet HTML 41Page - Intel Corporation I960 Datasheet HTML 42Page - Intel Corporation I960 Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 70 page
background image
i960
® Rx I/O Processor at 3.3 V
ADVANCE INFORMATION
33
3.3
Sources for Heatsinks and Accessories
The following is a list of suggested sources for heatsinks and accessories. This is neither an endorsement nor
a warranty of the performance of any of the listed products and/or companies.
Table 15. Heatsink Information
Manufacturer
Part No.
Heatsink
Dimensions
(mm)
Product Description
Thermalloy, Inc.
2021 West Valley View Lane
Dallas, TX 75234-8993
Tel: (214) 243-4321
FAX: (214) 241-4656
Heatsink: 2338B
BGA Clip: 20812-2
32 X 34 X 12.6
Thermalloy Heatsink;
use with BGA Clip and
Parker Chromerics
Thermflow tape
Parker Chromerics
77 Dragon Court
Woburn, MA 01888
Tel: (617) 935-4850
FAX: (617) 933-4318
T705
NA
Thermflow tape;
use with Thermalloy BGA
Clip
AAVID Thermal Technologies, Inc.
One Kool Path
P.O. Box 400
Laconia, N.H. 13247-0400
Tel: (603) 528-3400
FAX: (603) 527-2129
Heatsink:
364424B00032
40.5 X 40 X 11
AAVID Heatsink;
use with pre-applied thermal
adhesive tape
(Ther-A-Grip)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com