Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

I960 Datasheet(PDF) 22 Page - Intel Corporation

Part # I960
Description  i960 RP/RD I/O PROCESSOR AT 3.3 VOLTS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

I960 Datasheet(HTML) 22 Page - Intel Corporation

Back Button I960 Datasheet HTML 18Page - Intel Corporation I960 Datasheet HTML 19Page - Intel Corporation I960 Datasheet HTML 20Page - Intel Corporation I960 Datasheet HTML 21Page - Intel Corporation I960 Datasheet HTML 22Page - Intel Corporation I960 Datasheet HTML 23Page - Intel Corporation I960 Datasheet HTML 24Page - Intel Corporation I960 Datasheet HTML 25Page - Intel Corporation I960 Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 70 page
background image
i960® Rx I/O Processor at 3.3 V
16
ADVANCE INFORMATION
P_RST#
I
A(L)
PRIMARY RESET brings 80960Rx to a consistent state. When P_RST# is
asserted:
• PCI output signals are driven to a known consistent state.
• PCI bus interface output signals are three-stated.
• open drain signals such as P_SERR# are floated.
• S_RST# asserts.
P_RST# may be asynchronous to S_CLK when asserted or deasserted.
Although asynchronous, deassertion must be guaranteed to be a clean,
bounce-free edge.
P_SERR#
I/O
OD
R(Z)
PRIMARY PCI BUS SYSTEM ERROR reports address and data parity
errors on the special cycle command, or any other system error where the
result would be catastrophic.
P_STOP#
I/O
R(Z)
PRIMARY PCI BUS STOP indicates that the current target is requesting
the master to stop the current transaction on the primary PCI bus.
P_TRDY#
I/O
R(Z)
PRIMARY PCI BUS TARGET READY indicates the target agent's
(selected device's) ability to complete the current data phase of the trans-
action.
S_AD31:0
I/O
R(0)
SECONDARY PCI ADDRESS/DATA is the secondary multiplexed PCI
address and data bus. A bus transaction consists of an address phase
followed by one or more data phases.
S_C/BE3:0#
I/O
R(0)
SECONDARY PCI BUS COMMAND and BYTE ENABLE signals are
multiplexed on the same PCI signals. During an address phase,
S_C/BE3:0# define the bus command. During a data phase, S_C/BE3:0#
are used as byte enables.
S_DEVSEL#
I/O
R(Z)
SECONDARY PCI BUS DEVICE SELECT is driven by a target agent that
has successfully decoded the address. As an input, it indicates whether or
not an agent has been selected.
S_FRAME#
I/O
R(Z)
SECONDARY PCI BUS CYCLE FRAME is asserted to indicate the
beginning and duration of an access on the Secondary PCI bus.
S_GNT0#/
S_REQ#
O
R(Z)
SECONDARY PCI BUS GRANT0 is a grant signal sent to device 0 on the
secondary PCI bus when the internal Secondary PCI Bus Arbiter is
enabled.
SECONDARY PCI BUS REQUEST is the request signal for the 80960Rx
when the arbiter is disabled.
S_GNT5:1#
O
R(Q)
SECONDARY PCI BUS GRANT are grant signals sent to devices 1-5 on
the secondary PCI bus.
S_IDSEL
I
S(L)
SECONDARY PCI BUS INITIALIZATION DEVICE SELECT selects the
80960Rx during a Configuration Read or Write command on the secondary
PCI bus.
S_IRDY#
I/O
R(Z)
SECONDARY PCI BUS INITIATOR READY indicates the initiating agent's
(bus master's) ability to complete the current data phase of the transaction.
Table 7. PCI Signal Descriptions (Sheet 2 of 3)
NAME
TYPE
DESCRIPTION1
NOTE:
1. PCI signal functions are summarized in this data sheet; refer to the
PCI Local Bus Specification Revision
2.1 for a more complete definition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com