Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

I960 Datasheet(PDF) 23 Page - Intel Corporation

Part # I960
Description  i960 RP/RD I/O PROCESSOR AT 3.3 VOLTS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

I960 Datasheet(HTML) 23 Page - Intel Corporation

Back Button I960 Datasheet HTML 19Page - Intel Corporation I960 Datasheet HTML 20Page - Intel Corporation I960 Datasheet HTML 21Page - Intel Corporation I960 Datasheet HTML 22Page - Intel Corporation I960 Datasheet HTML 23Page - Intel Corporation I960 Datasheet HTML 24Page - Intel Corporation I960 Datasheet HTML 25Page - Intel Corporation I960 Datasheet HTML 26Page - Intel Corporation I960 Datasheet HTML 27Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 70 page
background image
i960
® Rx I/O Processor at 3.3 V
ADVANCE INFORMATION
17
S_LOCK#
I/O
R(Z)
SECONDARY PCI BUS LOCK indicates the need to perform an atomic
operation on the secondary PCI bus.
S_PAR
I/O
R(0)
SECONDARY PCI BUS PARITY. This signal ensures even parity across
S_AD31:0 and S_C/BE3:0. All PCI devices must provide a parity signal.
S_PERR#
I/O
R(Z)
SECONDARY PCI BUS PARITY ERROR is used for reporting data parity
errors during all PCI transactions except a special cycle.
S_REQ0#/
S_GNT#
I
SECONDARY PCI BUS REQUEST0 is a request signal from device 0 on
the secondary PCI bus when the internal Secondary PCI Bus Arbiter is
enabled.
SECONDARY PCI BUS GRANT is the grant signal for the 80960Rx when
the arbiter is disabled.
S_RST#
O
R(Q)
SECONDARY PCI BUS RESET is an output based on P_RST#. It brings
PCI-specific registers, sequencers, and signals to a consistent state. When
P_RST# is asserted, it causes S_RST# to assert, and:
• PCI output signals are driven to a known consistent state.
• PCI bus interface output signals are three-stated.
• open drain signals such as S_SERR# are floated.
S_RST# may be asynchronous to S_CLK when asserted or deasserted.
S_SERR#
I/O
OD
R(Z)
SECONDARY PCI BUS SYSTEM ERROR reports address and data parity
errors on the special cycle command, or any other system error where the
result would be catastrophic.
S_STOP#
I/O
R(Z)
SECONDARY PCI BUS STOP indicates that the current target is
requesting the master to stop the current transaction on the secondary PCI
bus.
S_TRDY#
I/O
R(Z)
SECONDARY PCI BUS TARGET READY indicates the target agent's
(selected device's) ability to complete the current data phase of the trans-
action.
S_REQ4:1#
I
S(L)
SECONDARY PCI BUS REQUEST 4:1 are request signals from devices
1-4 on the secondary PCI bus.
S_REQ5#/
S_ARB_EN
I
S(L)
SECONDARY PCI BUS REQUEST 5 is the request signal from device 5 on
the secondary PCI bus.
SECONDARY PCI BUS ARBITER ENABLE defines the power-up status
of the internal secondary arbitration unit. A valid high at the deassertion of
P_RST# enables the internal secondary arbiter. A valid low at the
deassertion of P_RST# disables the internal secondary arbiter.
Table 7. PCI Signal Descriptions (Sheet 3 of 3)
NAME
TYPE
DESCRIPTION1
NOTE:
1. PCI signal functions are summarized in this data sheet; refer to the
PCI Local Bus Specification Revision
2.1 for a more complete definition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com