Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2129B Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST2129B
Description  2-bit dual supply level translator without direction control pin, push-pull output
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2129B Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST2129B Datasheet HTML 4Page - STMicroelectronics ST2129B Datasheet HTML 5Page - STMicroelectronics ST2129B Datasheet HTML 6Page - STMicroelectronics ST2129B Datasheet HTML 7Page - STMicroelectronics ST2129B Datasheet HTML 8Page - STMicroelectronics ST2129B Datasheet HTML 9Page - STMicroelectronics ST2129B Datasheet HTML 10Page - STMicroelectronics ST2129B Datasheet HTML 11Page - STMicroelectronics ST2129B Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Supplementary notes
ST2129B
8/21
DocID023308 Rev 2
3
Supplementary notes
3.1
Driver requirement
For proper operation, the driver from each side of the device must have the capability to
source and sink a minimum of 1 mA current. The device architecture requires the driver to
source/sink maximum current of (VCC/4) mA to/from the weak 4 k output buffer.
3.2
Load driving capability
To support the architecture that allows level translation without direction pin, the one-shot
transistor is turned ON only during state transition at the output side. After the one-shot
transistor is turned OFF, only the 4 k
 resistor maintains the output logic state. So, 
a resistive load or pull-up resistor less than 50 k
 is not recommended for proper operation.
3.3
Truth table
Table 3. Truth table
Enable
Bi-directional input/output
OE
I/OVCC
I/OVL
H(1)
1. High level VL power supply referred.
H(2)
2. High level VCC power supply referred.
H(1)
H(1)
L
L
L
Z(3)
3. Z = high impedance.
Z(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com