Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2129B Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST2129B
Description  2-bit dual supply level translator without direction control pin, push-pull output
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2129B Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST2129B Datasheet HTML 6Page - STMicroelectronics ST2129B Datasheet HTML 7Page - STMicroelectronics ST2129B Datasheet HTML 8Page - STMicroelectronics ST2129B Datasheet HTML 9Page - STMicroelectronics ST2129B Datasheet HTML 10Page - STMicroelectronics ST2129B Datasheet HTML 11Page - STMicroelectronics ST2129B Datasheet HTML 12Page - STMicroelectronics ST2129B Datasheet HTML 13Page - STMicroelectronics ST2129B Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Electrical characteristics
ST2129B
10/21
DocID023308 Rev 2
5
Electrical characteristics
5.1
DC characteristics
Over recommended operating conditions unless otherwise noted. All typical values are at
TA = 25 °C.
Table 6. DC characteristics
Symbol
Parameter
VL
VCC
Test
conditions
Value
Unit
TA = 25 °C
-40 to 85
°C
Min.
Typ.
Max.
Min.
Max.
VIHL
High-level
input
voltage
(I/OVL)
1.65 to 3.6 VL to 5.5
0.8 VL
–
–
0.8 VL
–
V
VILL
Low-level
input
voltage
(I/OVL)
1.65 to 3.6 VL to 5.5
–
–
0.2 VL
–
0.2 VL
V
VIHC
High-level
input
voltage
(I/OVCC)
1.65 to 3.6 VL to 5.5
0.8 VCC
–
–
0.8 VCC
–
V
VILC
Low-level
input
voltage
(I/OVCC)
1.65 to 3.6 VL to 5.5
–
–
0.2 VCC
–
0.2 VCC
V
VIH-OE
High-level
input
voltage (OE)
1.65 to 3.6 VL to 5.5
0.8 VL
–
–
0.8 VL
–
V
VIL-OE
Low-level
input
voltage (OE)
1.65 to 3.6 VL to 5.5
–
–
0.2 VL
–
0.2 VL
V
VOHL
High-level
output
voltage
(I/OVL)
1.65 to 3.6 VL to 5.5 IO = -60 µA
VL - 0.4
–
–
VL - 0.4
–
V
VOLL
Low-level
output
voltage
(I/OVL)
1.65 to 3.6 VL to 5.5 IO = +60 µA
–
–
0.4
–
0.4
V
VOHC
High-level
output
voltage
(I/OVCC)
1.65 to 3.6 VL to 5.5 IO = -60 µA VCC - 0.4
–
–
VCC - 0.4
–
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com