Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2129B Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST2129B
Description  2-bit dual supply level translator without direction control pin, push-pull output
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2129B Datasheet(HTML) 5 Page - STMicroelectronics

  ST2129B Datasheet HTML 1Page - STMicroelectronics ST2129B Datasheet HTML 2Page - STMicroelectronics ST2129B Datasheet HTML 3Page - STMicroelectronics ST2129B Datasheet HTML 4Page - STMicroelectronics ST2129B Datasheet HTML 5Page - STMicroelectronics ST2129B Datasheet HTML 6Page - STMicroelectronics ST2129B Datasheet HTML 7Page - STMicroelectronics ST2129B Datasheet HTML 8Page - STMicroelectronics ST2129B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
DocID023308 Rev 2
5/21
ST2129B
Pin settings
1
Pin settings
1.1
Pin connection
Figure 1. Pin connection (top through view)
1.2
Pin description
$0Y
Table 2. Pin description
Pin number
Symbol
Name and function
1
VL
Supply voltage
2
I/OVL1
Data input/output
3
I/OVL2
Data input/output
4
GND
Ground
5
OE
Output enable
6
I/OVCC2
Data input/output
7
I/OVCC1
Data input/output
8
VCC
Supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com