Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2129B Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST2129B
Description  2-bit dual supply level translator without direction control pin, push-pull output
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2129B Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST2129B Datasheet HTML 8Page - STMicroelectronics ST2129B Datasheet HTML 9Page - STMicroelectronics ST2129B Datasheet HTML 10Page - STMicroelectronics ST2129B Datasheet HTML 11Page - STMicroelectronics ST2129B Datasheet HTML 12Page - STMicroelectronics ST2129B Datasheet HTML 13Page - STMicroelectronics ST2129B Datasheet HTML 14Page - STMicroelectronics ST2129B Datasheet HTML 15Page - STMicroelectronics ST2129B Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Electrical characteristics
ST2129B
12/21
DocID023308 Rev 2
5.2
AC characteristics
Load CL = 15 pF; driver tr = tf ≤ 6 ns over temperature range -40 °C to 85 °C.
Table 7. AC characteristics - test conditions: VL = 1.65 - 1.95 V
Symbol
Parameter
VCC =
VL - 1.95 V
VCC =
2.3 - 2.7 V
VCC =
3.0 - 3.6 V
VCC =
4.5 - 5.5 V
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
tRVcc
Rise time I/OVcc
-
5.2
-
3.2
-
2.4
-
1.8
ns
tFVcc
Fall time I/OVcc
-
3.2
-
1.5
-
1.3
-
1.2
ns
tRVL
Rise time I/OVL
-
3.3
-
3.3
-
3.3
-
3.3
ns
tFVL
Fall time I/OVL
-
1.5
-
1.4
-
1.4
-
1.3
ns
tI/OVL-Vcc
Propagation delay time
I/OVL-LH to I/OVcc-LH
tPLH
-
7.6
-
5.8
-
5.0
-
4.4
ns
I/OVL-HL to I/OVcc-HL
tPHL
-
4.6
-
3.9
-
3.9
-
3.5
ns
tI/OVcc-VL
Propagation delay time
I/OVcc-LH to I/OVL-LH
tPLH
-
7.1
-
6.6
-
4.8
-
4.6
ns
I/OVcc-HL to I/OVL-HL
tPHL
-
5.3
-
5.1
-
4.3
-
4.1
ns
tPZL
Output enable time tPZL
-
28
-
28
-
28
-
28
ns
tPZH
Output enable time tPZH
-
90
-
90
-
90
-
90
ns
tPLZ
Output disable time tPLZ
120
-
120
-
120
-
120
ns
tPHZ
Output disable time tPHZ
80
-
60
-
50
-
50
ns
DR
Data rate(1)
56
-
90
-
90
-
90
-
Mbps
1. Data rate is guaranteed based on the condition that output I/O signal rise/fall time is less than 15% of period
of input I/O signal; input I/O signal is at 50% duty cycle and output I/O signal duty cycle deviation is less than
50% ± 10%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com