Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4883SQ Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4883SQ
Description  Dual 2.1W Audio Amplifier Plus Stereo Headphone
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4883SQ Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM4883SQ Datasheet HTML 7Page - National Semiconductor (TI) LM4883SQ Datasheet HTML 8Page - National Semiconductor (TI) LM4883SQ Datasheet HTML 9Page - National Semiconductor (TI) LM4883SQ Datasheet HTML 10Page - National Semiconductor (TI) LM4883SQ Datasheet HTML 11Page - National Semiconductor (TI) LM4883SQ Datasheet HTML 12Page - National Semiconductor (TI) LM4883SQ Datasheet HTML 13Page - National Semiconductor (TI) LM4883SQ Datasheet HTML 14Page - National Semiconductor (TI) LM4883SQ Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Typical Performance Characteristics (Continued)
PSRR
3V, 32
Ω, SE, Input Unterminated
PSRR
3V, 32
Ω, SE, Input Terminated
20088765
20088766
Frequency Response
5V, 8
Ω, BTL
Frequency Response
3V, 8
Ω, BTL
20088759
20088761
Frequency Response
5V, 32
Ω,SE
Frequency Response
3V, 32
Ω,SE
20088762
20088760
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com