Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4883SQ Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4883SQ
Description  Dual 2.1W Audio Amplifier Plus Stereo Headphone
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4883SQ Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM4883SQ Datasheet HTML 14Page - National Semiconductor (TI) LM4883SQ Datasheet HTML 15Page - National Semiconductor (TI) LM4883SQ Datasheet HTML 16Page - National Semiconductor (TI) LM4883SQ Datasheet HTML 17Page - National Semiconductor (TI) LM4883SQ Datasheet HTML 18Page - National Semiconductor (TI) LM4883SQ Datasheet HTML 19Page - National Semiconductor (TI) LM4883SQ Datasheet HTML 20Page - National Semiconductor (TI) LM4883SQ Datasheet HTML 21Page - National Semiconductor (TI) LM4883SQ Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Application Information (Continued)
current source changes the voltage of the BYPASS pin in a
controlled, linear manner. Ideally, the input and outputs track
the voltage applied to the BYPASS pin. The gain of the
internal amplifiers remains unity until the voltage on the
bypass pin reaches 1/2 V
DD . As soon as the voltage on the
bypass pin is stable, the device becomes fully operational.
Although the BYPASS pin current cannot be modified,
changing the size of C
5 alters the device’s turn-on time and
the magnitude of “clicks and pops”. Increasing the value of
C
5 reduces the magnitude of turn-on pops. However, this
presents a tradeoff: as the size of C
5 increases, the turn-on
time increases. There is a linear relationship between the
size of C
5 and the turn-on time. Here are some typical
turn-on times for various values of C
5:
C
5
T
ON
0.01µF
30ms
0.1µF
40ms
0.22µF
60ms
0.47µF
80ms
1.0µF
140 ms
In order eliminate “clicks and pops”, all capacitors must be
discharged before turn-on. Rapidly switching V
DD may not
allow the capacitors to fully discharge, which may cause
“clicks and pops”. In a single-ended configuration, the output
is coupled to the load by C7,8. These capacitors usually
have a high value. C7,8 discharges through internal 20k
Ω
resistors. Depending on the size of C7,8, the discharge time
constant can be relatively large. To reduce transients in
single-ended mode, an external 1k
Ω–5kΩ resistor can be
placed in parallel with the internal 20k
Ω resistor. The tradeoff
for using this resistor is increased quiescent current.
NO LOAD STABILITY
The LM4883 may exhibit low level oscillation when the load
resistance is greater than 10k
Ω. This oscillation only occurs
as the output signal swings near the supply voltages. Pre-
vent this oscillation by connecting a 5k
Ω between the output
pins and ground.
AUDIO POWER AMPLIFIER DESIGN
Audio Amplifier Design: Driving 1W into an 8
Ω Load
The following are the desired operational parameters:
Power Output:
1W
RMS
Load Impedance:
8
Ω
Input Level:
1V
rms
Input Impedance:
20k
Ω
Bandwidth:
100Hz−20kHz ± 0.25dB
The design begins by specifying the minimum supply voltage
necessary to obtain the specified output power. One way to
find the minimum supply voltage is to use the Output Power
vs Supply Voltage curve in the Typical Performance Char-
acteristics section. Another way, using Equation (8), is to
calculate the peak output voltage necessary to achieve the
desired output power for a given load impedance. To ac-
count for the amplifier’s dropout voltage, two additional volt-
ages, based on the Dropout Voltage vs Supply Voltage in the
Typical Performance Characteristics curves, must be
added to the result obtained by Equation (8). The result in
Equation (9).
(8)
V
DD
≥ (V
OUTPEAK +(VODTOP +VODBOT))
(9)
The Output Power vs Supply Voltage graph for an 8
Ω load
indicates a minimum supply voltage of 4.6V. This is easily
met by the commonly used 5V supply voltage. The additional
voltage creates the benefit of headroom, allowing the
LM4883 to produce peak output power in excess of 1W
without clipping or other audible distortion. The choice of
supply voltage must also not create a situation that violates
maximum power dissipation as explained above in the
Power Dissipation section.
After satisfying the LM4883’s power dissipation require-
ments, the minimum differential gain needed to achieve 1W
dissipation in an 8
Ω load is found using Equation (10).
(10)
Thus, a minimum gain of 2.83 allows the LM4883’s to reach
full output swing and maintain low noise and THD+N perfor-
mance. For this example, let A
VD =3.
The amplifier’s overall gain is set using the input (R
1) and
feedback (R
3) resistors. With the desired input impedance
set at 20k
Ω, the feedback resistor is found using Equation
(11).
R
3/R1 =AVD/2
(11)
The value of R
f is 30k
Ω.
The last step in this design example is setting the amplifier’s
−3dB frequency bandwidth. To achieve the desired ±0.25dB
pass band magnitude variation limit, the low frequency re-
sponse must extend to at least one-fifth the lower bandwidth
limit and the high frequency response must extend to at least
five times the upper bandwidth limit. The gain variation for
both response limits is 0.17dB, well within the ±0.25dB
desired limit. The results are an
f
L = 100Hz/5 = 20Hz
and an
f
H = 20kHz*5 = 100kHz.
As mentioned in the External Components section, R
1 and
C
1 create a highpass filter that sets the amplifier’s lower
bandpass frequency limit. Find the coupling capacitor’s
value using Equation (12).
C
1
≥ 1/(2πR
1fL)
(12)
The result is
1/(2
π*20kΩ*20Hz) = 0.398µF.
Use a 0.39µF capacitor, the closest standard value.
The product of the desired high frequency cutoff (100kHz in
this example) and the differential gain, AVD, determines the
upper passband response limit. With A
VD = 3 and fH =
100kHz, the closed-loop gain bandwidth product (GBWP) is
300kHz. This is less than the LM4883’s 3.5MHz GBWP. With
this margin, the amplifier can be used in designs that require
more differential gain while avoiding performance-restricting
bandwidth limitations.
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com