Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4883SQ Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4883SQ
Description  Dual 2.1W Audio Amplifier Plus Stereo Headphone
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4883SQ Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM4883SQ Datasheet HTML 12Page - National Semiconductor (TI) LM4883SQ Datasheet HTML 13Page - National Semiconductor (TI) LM4883SQ Datasheet HTML 14Page - National Semiconductor (TI) LM4883SQ Datasheet HTML 15Page - National Semiconductor (TI) LM4883SQ Datasheet HTML 16Page - National Semiconductor (TI) LM4883SQ Datasheet HTML 17Page - National Semiconductor (TI) LM4883SQ Datasheet HTML 18Page - National Semiconductor (TI) LM4883SQ Datasheet HTML 19Page - National Semiconductor (TI) LM4883SQ Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Application Information (Continued)
PCB, the LM4883SQ’s
θ
JA is 20˚C/W. At any given ambient
temperature T
A, use Equation (4) to find the maximum inter-
nal power dissipation supported by the IC packaging. Rear-
ranging Equation (4) and substituting P
DMAX for PDMAX' re-
sults in Equation (5). This equation gives the maximum
ambient temperature that still allows maximum stereo power
dissipation without violating the LM4883’s maximum junction
temperature.
T
A =TJMAX – 2*PDMAX
θ
JA
(5)
For a typical application with a 5V power supply and an 4
Ω
load, the maximum ambient temperature that allows maxi-
mum stereo power dissipation without exceeding the maxi-
mum junction temperature is approximately 99˚C for the SQ
package.
T
JMAX =PDMAX
θ
JA +TA
(6)
Equation (6) gives the maximum junction temperature
T
JMAX. If the result violates the LM4883’s 150˚C, reduce the
maximum junction temperature by reducing the power sup-
ply voltage or increasing the load resistance. Further allow-
ance should be made for increased ambient temperatures.
The above examples assume that a device is a surface
mount part operating around the maximum power dissipation
point. Since internal power dissipation is a function of output
power, higher ambient temperatures are allowed as output
power or duty cycle decreases.
If the result of Equation (2) is greater than that of Equation
(3), then decrease the supply voltage, increase the load
impedance, or reduce the ambient temperature. If these
measures are insufficient, a heat sink can be added to
reduce
θ
JA. The heat sink can be created using additional
copper area around the package, with connections to the
ground pin(s), supply pin and amplifier output pins. External,
solder attached SMT heatsinks such as the Thermalloy
7106D can also improve power dissipation. When adding a
heat sink, the
θ
JA is the sum of
θ
JC,
θ
CS, and
θ
SA.(
θ
JC is the
junction-to-case thermal impedance,
θ
CS is the case-to-sink
thermal impedance, and
θ
SA is the sink-to-ambient thermal
impedance.) Refer to the Typical Performance Character-
istics curves for power dissipation information at lower out-
put power levels.
POWER SUPPLY BYPASSING
As with any power amplifier, proper supply bypassing is
critical for low noise performance and high power supply
rejection. Applications that employ a 5V regulator typically
use a 10 µF in parallel with a 0.1 µF filter capacitor to
stabilize the regulator’s output, reduce noise on the supply
line, and improve the supply’s transient response. However,
their presence does not eliminate the need for a local 1.0 µF
tantalum bypass capacitance connected between the
LM4883’s supply pins and ground. Do not substitute a ce-
ramic capacitor for the tantalum. Doing so may cause oscil-
lation. Keep the length of leads and traces that connect
capacitors between the LM4883SQ’s power supply pin and
ground as short as possible. Connecting a 1µF capacitor, C
5,
between the BYPASS pin and ground improves the internal
bias voltage’s stability and improves the amplifier’s PSRR.
The PSRR improvements increase as the bypass pin ca-
pacitor value increases. Too large, however, increases
turn-on time and can compromise amplifier’s click and pop
performance. The selection of bypass capacitor values, es-
pecially C
5, depends on desired PSRR requirements, click
and pop performance (as explained in the section, Selecting
Proper External Components), system cost, and size con-
straints.
MICRO-POWER SHUTDOWN
The voltage applied to the SHUTDOWN pin controls the
LM4883’s shutdown function. Activate micro-power shut-
down by applying V
DD to the SHUTDOWN pin. When active,
the LM4883’s micro-power shutdown feature turns off the
amplifier’s bias circuitry, reducing the supply current. The
logic threshold is typically V
DD/2. The low 0.04 µA typical
shutdown current is achieved by applying a voltage that is as
near as V
DD as possible to the SHUTDOWN pin. A voltage
that is less than V
DD may increase the shutdown current.
Table 1 shows the logic signal levels that activate and deac-
tivate micro-power shutdown and headphone amplifier op-
eration.
There are a few ways to control the micro-power shutdown.
These include using a single-pole, single-throw switch, a
microprocessor, or a microcontroller. When using a switch,
connect an external 10k
Ω pull-up resistor between the
SHUTDOWN pin and V
DD. Connect the switch between the
SHUTDOWN pin and ground. Select normal amplifier opera-
tion by closing the switch. Opening the switch connects the
SHUTDOWN pin to V
DD through the pull-up resistor, activat-
ing micro-power shutdown. The switch and resistor guaran-
tee that the SHUTDOWN pin will not float. This prevents
unwanted state changes. In a system with a microprocessor
or a microcontroller, use a digital output to apply the control
voltage to the SHUTDOWN pin. Driving the SHUTDOWN pin
with active circuitry eliminates the pull up resistor.
TABLE 1. Logic Level Truth Table for SHUTDOWN, HP-IN, and MUX Operation
SHUTDOWN
PIN
HP-INPIN
MUX CHANNEL
SELECT PIN
OPERATIONAL MODE
(MUX INPUT CHANNEL #)
Logic Low
Logic Low
Logic Low
Bridged Amplifiers (1)
Logic Low
Logic Low
Logic High
Bridged Amplifiers (2)
Logic Low
Logic High
Logic Low
Single-Ended Amplifiers (1)
Logic Low
Logic High
Logic High
Single-Ended Amplifiers (2)
Logic High
X
X
Micro-Power Shutdown
HP-IN FUNCTION
Applying a voltage between 4V and V
DD to the LM4883’s
HP-IN headphone control pin turns off Amp A (+out) and Amp
B (+out) muting a bridged-connected load. Quiescent current
consumption is reduced when the IC is in this single-ended
mode.
Figure 4 shows the implementation of the LM4883’s head-
phone control function. With no headphones connected to
the headphone jack, the R9-R10 voltage divider sets the
voltage applied to the HP-IN pin (pin 20) at approximately
50mV. This 50mV enables Amp A (+out) and Amp B (+out)
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com