Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4883SQ Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4883SQ
Description  Dual 2.1W Audio Amplifier Plus Stereo Headphone
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4883SQ Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM4883SQ Datasheet HTML 11Page - National Semiconductor (TI) LM4883SQ Datasheet HTML 12Page - National Semiconductor (TI) LM4883SQ Datasheet HTML 13Page - National Semiconductor (TI) LM4883SQ Datasheet HTML 14Page - National Semiconductor (TI) LM4883SQ Datasheet HTML 15Page - National Semiconductor (TI) LM4883SQ Datasheet HTML 16Page - National Semiconductor (TI) LM4883SQ Datasheet HTML 17Page - National Semiconductor (TI) LM4883SQ Datasheet HTML 18Page - National Semiconductor (TI) LM4883SQ Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Application Information (Continued)
BRIDGE CONFIGURATION EXPLANATION
As shown in Figure 3, the LM4883 consists of two pairs of
operational amplifiers, forming a two-channel (channel A and
channel B) stereo amplifier. External feedback resistors
R
3,2,7,8 and input resistors R1,4,5,6 set the closed-loop gain
of Amp A (-out) and Amp B (-out) whereas two internal 20k
Ω
resistors set Amp A’s (+out) and Amp B’s (+out) gain at 1.
The LM4883 drives a load, such as a speaker, connected
between the two amplifier outputs, −OUTA and +OUTA.
Figure 3 shows that Amp A’s (-out) output serves as Amp A’s
(+out) input. This results in both amplifiers producing signals
identical in magnitude, but 180˚ out of phase. Taking advan-
tage of this phase difference, a load is placed between
−OUTA and +OUTA and driven differentially (commonly re-
ferred to as “bridge mode”). This results in a differential gain
of
A
VD =2*(Rf/R i)
(1)
or
A
VD =2*(R3/R1)
Bridge mode amplifiers are different from single-ended am-
plifiers that drive loads connected between a single amplifi-
er’s output and ground. For a given supply voltage, bridge
mode has a distinct advantage over the single-ended con-
figuration: its differential output doubles the voltage swing
across the load. This produces four times the output power
when compared to a single-ended amplifier under the same
conditions. This increase in attainable output power as-
sumes that the amplifier is not current limited or that the
output signal is not clipped. To ensure minimum output sig-
nal clipping when choosing an amplifier’s closed-loop gain,
refer to the Audio Power Amplifier Design section.
Another advantage of the differential bridge output is no net
DC voltage across the load. This is accomplished by biasing
channel A’s and channel B’s outputs at half-supply. This
eliminates the coupling capacitor that single supply, single-
ended amplifiers require. Eliminating an output coupling ca-
pacitor in a single-ended configuration forces a single-supply
amplifier’s half-supply bias voltage across the load. This
increases internal IC power dissipation and may perma-
nently damage loads such as speakers.
POWER DISSIPATION
Power dissipation is a major concern when designing a
successful single-ended or bridged amplifier. Equation (2)
states the maximum power dissipation point for a single-
ended amplifier operating at a given supply voltage and
driving a specified output load.
P
DMAX =(VDD)
2/(2
π2R
L)
Single-Ended
(2)
However, a direct consequence of the increased power de-
livered to the load by a bridge amplifier is higher internal
power dissipation for the same conditions.
The LM4883 has two operational amplifiers per channel. The
maximum internal power dissipation per channel operating in
the bridge mode is four times that of a single-ended ampli-
fier. From Equation (3), assuming a 5V power supply and a
4
Ω load, the maximum single channel power dissipation is
1.27W or 2.54W for stereo operation.
P
DMAX =4*(VDD)
2/(2
π2R
L)
Bridge Mode
(3)
The LM4883SQ’s power dissipation is twice that given by
Equation (2) or Equation (3) when operating in the single-
ended mode or bridge mode, respectively. Twice the maxi-
mum power dissipation point given by Equation (3) must not
exceed the power dissipation given by Equation (4):
P
DMAX'=(TJMAX −TA)/
θ
JA
(4)
The LM4883’s T
JMAX = 150˚C. In the SQ package soldered
to a DAP pad that expands to a copper area of 5in
2 on a
200887A4
* Refer to the section Selecting Proper External Components, for a detailed discussion of C5 size.
FIGURE 3. Typical Audio Amplifier Application Circuit
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com