Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OA1MPA Datasheet(PDF) 1 Page - STMicroelectronics

Part # OA1MPA
Description  Medical instrumentation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

OA1MPA Datasheet(HTML) 1 Page - STMicroelectronics

  OA1MPA Datasheet HTML 1Page - STMicroelectronics OA1MPA Datasheet HTML 2Page - STMicroelectronics OA1MPA Datasheet HTML 3Page - STMicroelectronics OA1MPA Datasheet HTML 4Page - STMicroelectronics OA1MPA Datasheet HTML 5Page - STMicroelectronics OA1MPA Datasheet HTML 6Page - STMicroelectronics OA1MPA Datasheet HTML 7Page - STMicroelectronics OA1MPA Datasheet HTML 8Page - STMicroelectronics OA1MPA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
This is information on a product in full production.
February 2014
DocID025992 Rev 1
1/28
OA1MPA, OA2MPA,
OA4MPA
High precision low-power CMOS op amp
Datasheet
- production data
Features
 Low offset voltage: 200 µV max.
 Low power consumption: 10 µA at 5 V
 Low supply voltage: 1.5 V to 5.5 V
 Gain bandwidth product: 150 kHz typ.
 Low input bias current: 1 pA typ.
 Rail-to-rail input and output
 EMI hardened operational amplifiers
 High tolerance to ESD: 4 kV HBM
 Extended temperature range: -40 to +125 °C
Benefits
 High precision without calibration
 Energy saving
 Guaranteed operation on low-voltage battery
Applications
 Wearable
 Fitness and healthcare
 Medical instrumentation
Description
The OA1MPA, OA2MPA, OA4MPA series of
single, dual, and quad operational amplifiers offer
low-voltage operation, rail-to-rail input and output,
and excellent precision (Vio lower than 200 µV at
25 °C).
These low power op amps benefit from
STMicroelectronics 5 V CMOS technology and
offer an excellent speed/power consumption ratio
(150 kHz typical gain bandwidth) while consuming
less than 14 µA at 5 V. The OA1MPA, OA2MPA,
OA4MPA series also feature an ultra-low input
bias current.
The OA1MPA, OA2MPA, OA4MPA are
respectively the single, dual and quad operational
amplifier versions and are housed in the smallest
industrial package.
The OA1MPA, OA2MPA, OA4MPA family is the
ideal choice for wearable, fitness and healthcare
applications.
Single (OA1MPA)
SC70-5
DFN8 2x2
MiniSO-8
Dual (OA2MPA)
Quad (OA4MPA)
QFN16 3x3
Table 1. Device summary
Order code
Temperature range
Package
Packaging
Marking
OA1MPA22C
-40° C to +125° C
SC70-5
Tape and reel
K1W
OA2MPA22Q
DFN8 2x2
K1W
OA2MPA34S
MiniSO8
V712
OA4MPA33Q
QFN16 3x3
K1W
www.st.com


Similar Part No. - OA1MPA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OA100 ETC1-OA100 Datasheet
41Kb / 1P
JEDEC DO-7 PACKAGE
OA105KE ETC2-OA105KE Datasheet
124Kb / 1P
Molded insulation for high dielec-tric strength.
logo
ORION FANS
OA109 ORIONFANS-OA109 Datasheet
837Kb / 1P
AC Fan - 115V, 230V, Dual Voltage 120x38mm (4.7?쓝 1.5??
OA109 ORIONFANS-OA109 Datasheet
120Kb / 1P
AC Fan - 115V, 230V, Reverse Airflow 120x38mm (4.7?쓝 1.5??
OA109 ORIONFANS-OA109 Datasheet
113Kb / 1P
AC Fan - 115V, 230V 120x38mm (4.7?쓝 1.5??
More results

Similar Description - OA1MPA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IA296 ETC1-IA296 Datasheet
29Kb / 1P
ULTRA LOW NOISE TRUE INSTRUMENTATION MEDICAL ISOLATION AMPLIFER
logo
Toshiba Semiconductor
TLP598GA TOSHIBA-TLP598GA Datasheet
155Kb / 5P
Measurement Instrumentation
logo
List of Unclassifed Man...
S14-BLACK ETC2-S14-BLACK Datasheet
130Kb / 1P
INSTRUMENTATION CONNECTORS
logo
Texas Instruments
PGA202 TI1-PGA202_00 Datasheet
106Kb / 11P
INSTRUMENTATION AMPLIFIER
INA331 TI1-INA331_15 Datasheet
990Kb / 22P
INSTRUMENTATION AMPLIFIERS
logo
Ohmite Mfg. Co.
RES-MAXIMOX OHMITE-RES-MAXIMOX Datasheet
293Kb / 2P
Medical instrumentation
logo
ETAL Group
3300-IG2 ETAL-3300-IG2 Datasheet
229Kb / 4P
Control systems, instrumentation, medical equipment, machine tools, robotics
3500-P10 ETAL-3500-P10 Datasheet
154Kb / 2P
Control systems, instrumentation, medical equipment, machine tools, robotics, communications systems
logo
Bel Fuse Inc.
LDE160-26 BEL-LDE160-26 Datasheet
722Kb / 4P
Instrumentation Equipment
LDP200-120 BEL-LDP200-120 Datasheet
698Kb / 5P
Instrumentation Equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com