Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OA1MPA Datasheet(PDF) 16 Page - STMicroelectronics

Part # OA1MPA
Description  Medical instrumentation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

OA1MPA Datasheet(HTML) 16 Page - STMicroelectronics

Back Button OA1MPA Datasheet HTML 12Page - STMicroelectronics OA1MPA Datasheet HTML 13Page - STMicroelectronics OA1MPA Datasheet HTML 14Page - STMicroelectronics OA1MPA Datasheet HTML 15Page - STMicroelectronics OA1MPA Datasheet HTML 16Page - STMicroelectronics OA1MPA Datasheet HTML 17Page - STMicroelectronics OA1MPA Datasheet HTML 18Page - STMicroelectronics OA1MPA Datasheet HTML 19Page - STMicroelectronics OA1MPA Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Application information
OA1MPA, OA2MPA, OA4MPA
16/28
DocID025992 Rev 1
4
Application information
4.1
Operating voltages
The OA1MPA, OA2MPA, and OA4MPA series of devices can operate from 1.5 V to 5.5 V.
The parameters are fully specified for 1.8 V, 3.3 V, and 5 V power supplies. However, they
are very stable in the full VCC range and several characterization curves show OA1MPA,
OA2MPA, and OA4MPA device characteristics at 1.5 V. In addition, the main specifications
are guaranteed in the extended temperature range from -40 °C to +125 °C.
4.2
Rail-to-rail input
The OA1MPA, OA2MPA, and OA4MPA devices have a rail-to-rail input, and the input
common mode range is extended from VCC-- 0.1 V to VCC+ + 0.1 V.
4.3
Rail-to-rail output
The output levels of the OA1MPA, OA2MPA, and OA4MPA operational amplifiers can go
close to the rails: to a maximum of 40 mV below the upper rail and to a maximum of 75 mV
above the lower rail when a 10 k
 resistive load is connected to V
CC/2.
4.4
Input offset voltage drift over temperature
The maximum input voltage drift over the temperature variation is defined as the offset
variation related to offset value measured at 25 °C. The operational amplifier is one of the
main circuits of the signal conditioning chain, and the amplifier input offset is a major
contributor to the chain accuracy. The signal chain accuracy at 25 °C can be compensated
during production at application level. The maximum input voltage drift over temperature
enables the system designer to anticipate the effect of temperature variations.
The maximum input voltage drift over temperature is computed using Equation 1.
Equation 1
with T = -40 °C and 125 °C.
The datasheet maximum value is guaranteed by a measurement on a representative
sample size ensuring a Cpk (process capability index) greater than 1.33.
V
io
T
------------
max
V
io T
 V
io 25C

–
T25
C
–
--------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com