Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OA1MPA Datasheet(PDF) 11 Page - STMicroelectronics

Part # OA1MPA
Description  Medical instrumentation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

OA1MPA Datasheet(HTML) 11 Page - STMicroelectronics

Back Button OA1MPA Datasheet HTML 7Page - STMicroelectronics OA1MPA Datasheet HTML 8Page - STMicroelectronics OA1MPA Datasheet HTML 9Page - STMicroelectronics OA1MPA Datasheet HTML 10Page - STMicroelectronics OA1MPA Datasheet HTML 11Page - STMicroelectronics OA1MPA Datasheet HTML 12Page - STMicroelectronics OA1MPA Datasheet HTML 13Page - STMicroelectronics OA1MPA Datasheet HTML 14Page - STMicroelectronics OA1MPA Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
DocID025992 Rev 1
11/28
OA1MPA, OA2MPA, OA4MPA
Electrical characteristics
28
ICC
Supply current (per channel,
Vout = VCC/2, RL > 1 M)
T = 25 °C
10
14
µA
-40 °C < T< 125 °C
16
AC performance
GBP
Gain bandwidth product
RL =10k, CL = 100 pF
110
150
kHz
Fu
Unity gain frequency
120
Fm
Phase margin
45
Degrees
Gm
Gain margin
19
dB
SR
Slew rate(5)
RL =10k, CL = 100 pF,
Vout = 0.5 V to VCC - 0.5 V
0.06
V/
s
e
n
Low-frequency peak-to-peak
input noise
Bandwidth: f=0.1to10Hz
10
µVpp
en
Equivalent input noise voltage
f= 1kHz
100
f = 10 kHz
96
THD+N
Total harmonic distortion +
noise
fin = 1 kHz, ACL =1,
RL = 100 k, Vicm =(VCC - 1 V)/2,
BW = 22 kHz, Vout =0.5 Vpp
0.008
%
tinit
Initialization time(6)
T = 25 °C
5
ms
-40 °C < T< 125 °C
50
1.
See Section 4.4: Input offset voltage drift over temperature.
2.
Typical value is based on the Vio drift observed after 1000h at 125 °C extrapolated to 25 °C using the Arrhenius law and
assuming an activation energy of 0.7 eV. The operational amplifier is aged in follower mode configuration. See Section 4.5:
Long-term input offset voltage drift.
3.
Guaranteed by characterization.
4.
Tested on SC70-5 package.
5.
Slew rate value is calculated as the average between positive and negative slew rates.
6.
Initialization time is defined as the delay after power-up to guarantee operation within specified performances. Guaranteed
by design. See Section 4.6: Initialization time.
Table 6. Electrical characteristics (continued)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com