Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OA1MPA Datasheet(PDF) 10 Page - STMicroelectronics

Part # OA1MPA
Description  Medical instrumentation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

OA1MPA Datasheet(HTML) 10 Page - STMicroelectronics

Back Button OA1MPA Datasheet HTML 6Page - STMicroelectronics OA1MPA Datasheet HTML 7Page - STMicroelectronics OA1MPA Datasheet HTML 8Page - STMicroelectronics OA1MPA Datasheet HTML 9Page - STMicroelectronics OA1MPA Datasheet HTML 10Page - STMicroelectronics OA1MPA Datasheet HTML 11Page - STMicroelectronics OA1MPA Datasheet HTML 12Page - STMicroelectronics OA1MPA Datasheet HTML 13Page - STMicroelectronics OA1MPA Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Electrical characteristics
OA1MPA, OA2MPA, OA4MPA
10/28
DocID025992 Rev 1
VCC+ = 5 V with VCC- = 0 V, Vicm = VCC/2, T = 25 °C, and RL = 10 k connected to VCC/2
(unless otherwise specified)
Table 6. Electrical characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Input offset voltage
T = 25 °C
200
V
-40 °C < T< 85 °C
850
-40 °C < T< 125 °C
1200
V
io/T
Input offset voltage drift
-40 °C < T< 125 °C(1)
10
V/°C
V
io
Long-term input offset voltage
drift
T = 25 °C(2)
0.7
Iio
Input offset current
(Vout = VCC/2)
T = 25 °C
1
10(3)
pA
-40 °C < T< 125 °C
1
300(3)
Iib
Input bias current
(Vout = VCC/2)
T = 25 °C
1
10(3)
-40 °C < T< 125 °C
1
300(3)
CMR
Common mode rejection ratio
20 log (
V
icm/Vio)
Vicm = 0 V to VCC,
Vout = VCC/2, RL > 1 M
T = 25 °C
74
94
dB
-40 °C < T< 125 °C
73
SVR
Supply voltage rejection ratio
20 log (
V
CC/Vio)
VCC = 1.5 to 5.5 V, Vic = 0 V,
RL > 1 M
T = 25 °C
71
90
-40 °C < T< 125 °C
71
Avd
Large signal voltage gain
Vout = 0.5 V to (VCC - 0.5 V)
T = 25 °C
95
-40 °C < T< 125 °C
85
EMIRR
EMI rejection ratio
EMIRR = 20 log
(VRFpeak/Vio)
VRF = 100 mVRFpeak, f = 400 MHz
38(4)
VRF = 100 mVRFpeak, f = 900 MHz
50(4)
VRF = 100 mVRFpeak, f = 1800 MHz
60(4)
VRF = 100 mVRFpeak, f = 2400 MHz
63(4)
VOH
High level output voltage
(VOH = VCC - Vout)
T = 25 °C
75
mV
-40 °C < T< 125 °C
80
VOL
Low level output voltage
T = 25 °C
40
-40 °C < T< 125 °C
60
Iout
Isink (Vout = VCC)
T = 25 °C
35
56
mA
-40 °C < T< 125 °C
20
Isource (Vout = 0 V)
T = 25 °C
35
45
-40 °C < T< 125 °C
20
V
month
---------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com