Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI64-A1S/XXX Datasheet(PDF) 15 Page - STMicroelectronics

Part # LRI64-A1S/XXX
Description  Memory TAG IC, 64-bit Unique ID with WORM User Area 13.56MHz, ISO15693 and ISO18000-3 Mode 1 Compliant
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64-A1S/XXX Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LRI64-A1S/XXX Datasheet HTML 11Page - STMicroelectronics LRI64-A1S/XXX Datasheet HTML 12Page - STMicroelectronics LRI64-A1S/XXX Datasheet HTML 13Page - STMicroelectronics LRI64-A1S/XXX Datasheet HTML 14Page - STMicroelectronics LRI64-A1S/XXX Datasheet HTML 15Page - STMicroelectronics LRI64-A1S/XXX Datasheet HTML 16Page - STMicroelectronics LRI64-A1S/XXX Datasheet HTML 17Page - STMicroelectronics LRI64-A1S/XXX Datasheet HTML 18Page - STMicroelectronics LRI64-A1S/XXX Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
15/38
LRI64
FLAGS AND ERROR CODES
Request Flags
In a Request, the 8-bit Flags Field specifies the ac-
tions to be performed by the LRI64, and whether
corresponding fields are present or not.
Flag bit 3 (the Inventory_flag) defines the way the
four most significant flag bits (5 to 8) are used.
When bit 3 is reset (0), bits 5 to 8 define the LRI64
selection criteria. When bit 3 is set (1), bits 5 to 8
define the LRI64 Inventory parameters.
Table 3. Request Flags 1 to 4
Note: 1. If the value of the Request Flag is a non authorized value,
the LRI64 does not execute the command, and does not
respond to the request.
Table 4. Request Flags 5 to 8 (when Bit 3 = 0)
Note: 1. Only bit 6 (Address flag) can be configured for the LRI64.
All others bits (5, 7 and 8) must be reset to 0.
Table 5. Request Flags 5 to 8 (when Bit 3 = 1)
Note: 1. Bits 7 and 8 must be reset to 0.
Response Flags
In a Response, the 8-bit Flags Field indicates how
actions have been performed by the LRI64, and
whether corresponding fields are present or not.
Table 6. Response Flags 1 to 8
Response Error Code
If the Error Flag is set by the LRI64 in the Re-
sponse, the Error Code Field is present and pro-
vides information about the error that occurred.
Table 7. shows the one error code that is support-
ed by the LRI64.
Table 7. Response Error Code
Bit
Name
Value 1
Description
1
Sub-
carrier
Flag
0
Single sub-carrier
frequency mode.
(Option 1 is not supported)
2
Data_rate
Flag
1
High data rate mode.
(Option 0 is not supported)
3
Inventory
Flag
0
Flags 5 to 8 meaning are
according to Table 4.
1
Flags 5 to 8 meaning are
according to Table 5.
4
Protocol
Extension
Flag
0
No Protocol format
extension. Must be set to 0.
(Option 1 is not supported)
Bit
Name
Value 1
Description
5
Select
Flag
0
No selection mode.
Must be set to 0.
(Option 1 is not supported)
6
Address
Flag
0
Non addressed mode.
The UID field is not present
in the request. All LRI64
shall answer to the request.
1
Addressed mode.
The UID field is present in
the request. Only the LRI64
that matches the UID
answers the request.
7
Option
Flag 1
0
No option. Must be set to 0.
(Option 1 is not supported)
8
RFU 1
0
No option. Must be set to 0.
(Option 1 is not supported)
Bit
Name
Value 1
Description
5
AFI Flag
0
AFI field is not present
1
AFI field is present
6
Nb_slots
Flag
0
16 slots
11 slot
7
Option
Flag
0
No option. Must be set to 0.
(Option 1 is not supported)
8RFU
0
No option. Must be set to 0.
(Option 1 is not supported)
Bit
Name
Value
Description
1
Error Flag
0
No error
1
Error detected. Error
code is in the "Error"
field.
2RFU
0
3RFU
0
4RFU
0
5RFU
0
6RFU
0
7RFU
0
8RFU
0
Error
Code
Meaning
0Fh
Error with no specific information given



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com