Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI64-A1S/XXX Datasheet(PDF) 36 Page - STMicroelectronics

Part # LRI64-A1S/XXX
Description  Memory TAG IC, 64-bit Unique ID with WORM User Area 13.56MHz, ISO15693 and ISO18000-3 Mode 1 Compliant
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64-A1S/XXX Datasheet(HTML) 36 Page - STMicroelectronics

Back Button LRI64-A1S/XXX Datasheet HTML 30Page - STMicroelectronics LRI64-A1S/XXX Datasheet HTML 31Page - STMicroelectronics LRI64-A1S/XXX Datasheet HTML 32Page - STMicroelectronics LRI64-A1S/XXX Datasheet HTML 33Page - STMicroelectronics LRI64-A1S/XXX Datasheet HTML 34Page - STMicroelectronics LRI64-A1S/XXX Datasheet HTML 35Page - STMicroelectronics LRI64-A1S/XXX Datasheet HTML 36Page - STMicroelectronics LRI64-A1S/XXX Datasheet HTML 37Page - STMicroelectronics LRI64-A1S/XXX Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
LRI64
36/38
APPENDIX C. APPLICATION FAMILY IDENTIFIER (AFI) CODING
AFI (Application Family Identifier) represents the
type of application targeted by the VCD and is
used to extract from all the LRI64 present only the
LRI64 meeting the required application criteria.
It is programmed by the LRI64 issuer (the pur-
chaser of the LRI64). Once locked, it can not be
modified.
The most significant nibble of AFI is used to code
one specific or all application families, as defined
in Table 21.
The least significant nibble of AFI is used to code
one specific or all application sub-families. Sub-
family codes different from 0 are proprietary.
Table 21. AFI Coding
Note: x and y each represent any single-digit hexadecimal value between 1 and F
AFI
Most
Significant
Nibble
AFI
Least
Significant
Nibble
Meaning
LRI64 Devices respond from
Examples / Note
0
0
All families and sub-families
No applicative preselection
x
0
All sub-families of family X
Wide applicative preselection
x
y
Only the Yth sub-family of family X
0
y
Proprietary sub-family Y only
1
0, y
Transport
Mass transit, Bus, Airline,...
2
0, y
Financial
IEP, Banking, Retail,...
3
0, y
Identification
Access Control,...
4
0, y
Telecommunication
Public Telephony, GSM,...
5
0, y
Medical
6
0, y
Multimedia
Internet services....
7
0, y
Gaming
8
0, y
Data Storage
Portable Files...
9
0, y
Item Management
A
0, y
Express Parcels
B
0, y
Postal Services
C
0, y
Airline Bags
D0, y
RFU
E0, y
RFU
F0, y
RFU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com