Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI64-A1S/XXX Datasheet(PDF) 34 Page - STMicroelectronics

Part # LRI64-A1S/XXX
Description  Memory TAG IC, 64-bit Unique ID with WORM User Area 13.56MHz, ISO15693 and ISO18000-3 Mode 1 Compliant
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64-A1S/XXX Datasheet(HTML) 34 Page - STMicroelectronics

Back Button LRI64-A1S/XXX Datasheet HTML 30Page - STMicroelectronics LRI64-A1S/XXX Datasheet HTML 31Page - STMicroelectronics LRI64-A1S/XXX Datasheet HTML 32Page - STMicroelectronics LRI64-A1S/XXX Datasheet HTML 33Page - STMicroelectronics LRI64-A1S/XXX Datasheet HTML 34Page - STMicroelectronics LRI64-A1S/XXX Datasheet HTML 35Page - STMicroelectronics LRI64-A1S/XXX Datasheet HTML 36Page - STMicroelectronics LRI64-A1S/XXX Datasheet HTML 37Page - STMicroelectronics LRI64-A1S/XXX Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
LRI64
34/38
APPENDIX B. C-EXAMPLE TO CALCULATE OR CHECK THE CRC16
ACCORDING TO ISO/IEC 13239
The Cyclic Redundancy Check (CRC) is calculat-
ed on all data contained in a message, from the
start of the Flags through to the end of Data. This
CRC is used from VCD to LRI64 and from LRI64
to VCD.
To add extra protection against shifting errors, a
further transformation on the calculated CRC is
made. The One’s Complement of the calculated
CRC is the value attached to the message for
transmission.
For checking of received messages the 2 CRC
bytes are often also included in the re-calculation,
for ease of use. In this case, given the expected
value for the generated CRC is the residue of
F0B8h
Table 20. CRC Definition
CRC Calculation Example
This example in C language illustrates one method
of calculating the CRC on a given set of bytes
comprising a message.
#define
POLYNOMIAL0x8408//
x^16 + x^12 + x^5 + 1
#define
PRESET_VALUE0xFFFF
#define
CHECK_VALUE0xF0B8
#define
NUMBER_OF_BYTES4// Example: 4 data bytes
#define
CALC_CRC1
#define
CHECK_CRC0
void main()
{
unsigned int
current_crc_value;
unsigned char array_of_databytes[NUMBER_OF_BYTES + 2] = {1, 2, 3, 4, 0x91, 0x39};
int
number_of_databytes = NUMBER_OF_BYTES;
int
calculate_or_check_crc;
int
i, j;
calculate_or_check_crc = CALC_CRC;
// calculate_or_check_crc = CHECK_CRC;// This could be an other example
if (calculate_or_check_crc == CALC_CRC)
{
number_of_databytes = NUMBER_OF_BYTES;
}
else
// check CRC
{
number_of_databytes = NUMBER_OF_BYTES + 2;
}
current_crc_value = PRESET_VALUE;
for (i = 0; i < number_of_databytes; i++)
{
current_crc_value = current_crc_value ^ ((unsigned int)array_of_databytes[i]);
for (j = 0; j < 8; j++)
{
if (current_crc_value & 0x0001)
CRC Definition
CRC Type
Length
Polynomial
Direction
Preset
Residue
ISO/IEC 13239
16 bits
X16 + X12 + X5 + 1
= Ox8408
Backward
FFFFh
F0B8h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com