Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI64-A1S/XXX Datasheet(PDF) 19 Page - STMicroelectronics

Part # LRI64-A1S/XXX
Description  Memory TAG IC, 64-bit Unique ID with WORM User Area 13.56MHz, ISO15693 and ISO18000-3 Mode 1 Compliant
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64-A1S/XXX Datasheet(HTML) 19 Page - STMicroelectronics

Back Button LRI64-A1S/XXX Datasheet HTML 15Page - STMicroelectronics LRI64-A1S/XXX Datasheet HTML 16Page - STMicroelectronics LRI64-A1S/XXX Datasheet HTML 17Page - STMicroelectronics LRI64-A1S/XXX Datasheet HTML 18Page - STMicroelectronics LRI64-A1S/XXX Datasheet HTML 19Page - STMicroelectronics LRI64-A1S/XXX Datasheet HTML 20Page - STMicroelectronics LRI64-A1S/XXX Datasheet HTML 21Page - STMicroelectronics LRI64-A1S/XXX Datasheet HTML 22Page - STMicroelectronics LRI64-A1S/XXX Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
19/38
LRI64
TIMING DEFINITIONS
Figure 22. shows three specific delay times: t1, t2
and t3. All of them have a minimum value, speci-
fied in Table 14.. The t1 parameter also has a max-
imum and a typical value specified in Table 14., as
summarized in Table 8.
Table 8. Timing Values
Note: 1.
tSOF is the duration for the LRI64 to transmit an SOF to
the VCD.
2.
t1(max) does not apply for write alike requests. Timing
conditions for write alike requests are defined in the com-
mand description.
3. The tolerance of specific timings is ± 32/fC.
LRI64 Response Delay, t1
Upon detection of the rising edge of the EOF re-
ceived from the VCD, the LRI64 waits for a time
equal to
t1(typ) = 4352 / fC
before starting to transmit its response to a VCD
request, or switching to the next slot when in an in-
ventory process.
VCD New Request Delay, t2
t2 is the time after which the VCD may send an
EOF to switch to the next slot when one or more
LRI64 responses have been received during an in-
ventory command. It starts from the reception of
the EOF received from the LRI64 devices.
The EOF sent by the VCD is 10% modulated, in-
dependent of the modulation index used for trans-
mitting the VCD request to the LRI64.
t2 is also the time after which the VCD may send a
new request to the LRI64 as described in Figure
19.
t2(min) = 4192 / fC
VCD New Request Delay when there is No
LRI64 Response, t3
t3 is the time after which the VCD may send an
EOF to switch to the next slot when no LRI64 re-
sponse has been received.
The EOF sent by the VCD is 10% modulated, in-
dependent of the modulation index used for trans-
mitting the VCD request to the LRI64.
From the time the VCD has generated the rising
edge of an EOF:
–
The VCD waits for a time at least equal to the
sum of t3(min) and the typical response time of
an LRI64, which depends on the data rate and
subcarrier modulation mode, before sending a
subsequent EOF.
Min.
Typ.
Max.
t1
t1(min)
t1(typ) = 4352 / fC
t1(max)
t2
t2(min) = 4192 / fC
——
t3
t1(max) + tSOF
(see notes1,2)
——



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com