Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI64-MBTG/XXX Datasheet(PDF) 16 Page - STMicroelectronics

Part # LRI64-MBTG/XXX
Description  Memory TAG IC, 64-bit Unique ID with WORM User Area 13.56MHz, ISO15693 and ISO18000-3 Mode 1 Compliant
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64-MBTG/XXX Datasheet(HTML) 16 Page - STMicroelectronics

Back Button LRI64-MBTG/XXX Datasheet HTML 12Page - STMicroelectronics LRI64-MBTG/XXX Datasheet HTML 13Page - STMicroelectronics LRI64-MBTG/XXX Datasheet HTML 14Page - STMicroelectronics LRI64-MBTG/XXX Datasheet HTML 15Page - STMicroelectronics LRI64-MBTG/XXX Datasheet HTML 16Page - STMicroelectronics LRI64-MBTG/XXX Datasheet HTML 17Page - STMicroelectronics LRI64-MBTG/XXX Datasheet HTML 18Page - STMicroelectronics LRI64-MBTG/XXX Datasheet HTML 19Page - STMicroelectronics LRI64-MBTG/XXX Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
LRI64
16/38
ANTI-COLLISION
The purpose of the anti-collision sequence is to al-
low the VCD to compile a list of the LRI64 devices
that are present in the VCD field, each one identi-
fied by its unique ID (UID).
The VCD is the master of the communication with
one or multiple LRI64 devices. It initiates the com-
munication by issuing the Inventory Request
(Figure 23.).
Request Flags
The Nb_slots_flag needs to be set appropriately.
The AFI Flag needs to be set, if the Optional AFI
Field is to be present.
Mask Length and Mask Value
The Mask Length defines the number of significant
bits in the Mask Value.
The Mask Value is contained in an integer number
of bytes.
The least significant bit of each is transmitted first.
If the Mask Length is not a multiple of 8 (bits), the
most significant end of the Mask Value is padded
with the required number of null bits (set to 0) so
that the Mask Value is contained in an integer
number of bytes, so that the next field (the 2-Byte
CRC) starts at the next byte boundary.
In the example of Figure 21., the Mask Length is
11 bits. The Mask Value, 10011001111, is padded
out at the most significant end with five bits set to
0. The 11 bits Mask plus the current slot number is
compared to the UID.
Inventory Responses
Each LRI64 sends its Response in a given time
slot, or else remains silent.
The first slot starts immediately after the reception
of the Request EOF.
To switch to the next slot, the VCD sends another
EOF.
The following rules and restrictions apply:
–
if no LRI64 answer is detected, the VCD may
switch to the next slot by sending an EOF
–
if one or more LRI64 answers are detected,
the VCD waits until the complete frame has
been received before sending an EOF, to
switch to the next slot.
The pulse shall be generated according to the def-
inition of the EOF in ISO 15693 and ISO 18000-3
Mode 1 standards.
Figure 21. Comparison between the Mask, Slot Number and UID
AI06682
Mask value received in the Inventory command
0000 0100 1100 1111 b 16 bits
The Mask value less the padding 0s is loaded
into the Tag comparator
100 1100 1111 b 11 bits
The Slot counter is calculated
xxxx
Nb_slots_flags = 0 (16 slots), Slot Counter is 4 bits
The Slot counter is concatened to the Mask value
xxxx 100 1100 1111 b
Nb_slots_flags = 0
15 bits
The concatenated result is compared with
the least significant bits of the Tag UID.
xxxx xxxx ..... xxxx xxxx x xxx xxxx xxxx xxxx
64 bits
LSB
MSB
b
LSB
MSB
LSB
MSB
LSB
MSB
b0
b63
Compare
Bits ignored
UID
4 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com