Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI64-MBTG/XXX Datasheet(PDF) 5 Page - STMicroelectronics

Part # LRI64-MBTG/XXX
Description  Memory TAG IC, 64-bit Unique ID with WORM User Area 13.56MHz, ISO15693 and ISO18000-3 Mode 1 Compliant
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64-MBTG/XXX Datasheet(HTML) 5 Page - STMicroelectronics

  LRI64-MBTG/XXX Datasheet HTML 1Page - STMicroelectronics LRI64-MBTG/XXX Datasheet HTML 2Page - STMicroelectronics LRI64-MBTG/XXX Datasheet HTML 3Page - STMicroelectronics LRI64-MBTG/XXX Datasheet HTML 4Page - STMicroelectronics LRI64-MBTG/XXX Datasheet HTML 5Page - STMicroelectronics LRI64-MBTG/XXX Datasheet HTML 6Page - STMicroelectronics LRI64-MBTG/XXX Datasheet HTML 7Page - STMicroelectronics LRI64-MBTG/XXX Datasheet HTML 8Page - STMicroelectronics LRI64-MBTG/XXX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
5/38
LRI64
SUMMARY DESCRIPTION
The LRI64 is a contactless memory, powered by
an externally transmitted radio wave. It contains a
120-bit non-volatile memory. The memory is orga-
nized as 15 blocks of 8 bits, of which 7 blocks are
accessible as Write-Once Read-Many (WORM)
memory.
Figure 2. Logic Diagram
The LRI64 is accessed using a 13.56MHz carrier
wave. Incoming data are demodulated from the re-
ceived Amplitude Shift Keying (ASK) signal, 10%
modulated. The data are transferred from the
reader to the LRI64 at 26Kbit/s, using the “1-out-
of-4” pulse encoding mode.
Outgoing data are sent by the LRI64, generated by
load variation on the carrier wave, using Manches-
ter coding with a single sub-carrier frequency of
423kHz. The data are transferred from the LRI64
to the reader at 26Kbit/s, in the high data rate
mode.
The LRI64 supports the high data rate communi-
cation protocols of ISO 15693 and ISO 18000-3
Mode 1 recommendations. All other data rates and
modulations are not supported by the LRI64.
Table 1. Signal Names
Figure 3. MLP Connections
Memory Mapping
The LRI64 is organized as 15 blocks of 8 bits as
shown in Figure 4. Each block is automatically
write-protected after the first valid write access.
Figure 4. LRI64 Memory Mapping
The LRI64 uses the first 8 blocks (blocks 0 to 7) to
store the 64-bit Unique Identifier (UID). The UID is
used during the anti-collision sequence (Invento-
ry). It is written, by ST, at time of manufacture, but
part of it can be customer-accessible and custom-
er-writable, on special request.
The LRI64 has an AFI register, in which to store
the Application Family Identifier value, which is
also used during the anti-collision sequence.
The LRI64 has a DSFID register, in which to store
the Data Storage Format Identifier value, which is
used for the LRI64 Inventory answer.
The five following blocks (blocks 10 to 14) are
Write-Once Read-Many (WORM) memory. It is
possible to write to each of them once. After the
first valid write access, the block is automatically
locked, and only read commands are possible.
AC1
Antenna Coil
AC0
Antenna Coil
AI08590
AC1
LRI64
AC0
Power
Supply
Regulator
Manchester
Load
Modulator
ASK
Demodulator
120-bit
WORM
Memory
1
AI11612
2
3
4
8
7
6
5
AC0
AC1
n/c
n/c
n/c
n/c
n/c
n/c
AI09741
Block
Addr
01234567
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
UID 0
UID 1
UID 2
UID 3
UID 4
UID 5 = IC_ID
UID 6 = 02h
UID 7 = E0h
AFI (WORM Area)
DSFID (WORM Area)
WORM Area
WORM Area
WORM Area
WORM Area
WORM Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com