Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI64-MBTG/XXX Datasheet(PDF) 24 Page - STMicroelectronics

Part # LRI64-MBTG/XXX
Description  Memory TAG IC, 64-bit Unique ID with WORM User Area 13.56MHz, ISO15693 and ISO18000-3 Mode 1 Compliant
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64-MBTG/XXX Datasheet(HTML) 24 Page - STMicroelectronics

Back Button LRI64-MBTG/XXX Datasheet HTML 20Page - STMicroelectronics LRI64-MBTG/XXX Datasheet HTML 21Page - STMicroelectronics LRI64-MBTG/XXX Datasheet HTML 22Page - STMicroelectronics LRI64-MBTG/XXX Datasheet HTML 23Page - STMicroelectronics LRI64-MBTG/XXX Datasheet HTML 24Page - STMicroelectronics LRI64-MBTG/XXX Datasheet HTML 25Page - STMicroelectronics LRI64-MBTG/XXX Datasheet HTML 26Page - STMicroelectronics LRI64-MBTG/XXX Datasheet HTML 27Page - STMicroelectronics LRI64-MBTG/XXX Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
LRI64
24/38
Get System Info
When receiving the Get System Info command,
the LRI64 send back its information data in the Re-
sponse.The Option_Flag is not supported and
must be set to 0. The Get System Info can be is-
sued in both addressed and non addressed
modes.
The Request Frame (Figure 27.) contains:
–
Request Flags (Table 3. and Table 4.)
–
Get System Info Command Code (2Bh, Table
9.)
–
Unique ID (Optional)
–
2-byte CRC (Figure 16.)
If there is no error, at the LRI64, the Response
Frame (Figure 28.) contains:
–
Response Flags (Table 6.)
–
Information Flags set to 0Fh, indicating the
four information fields that are present
(DSFID, AFI, Memory Size, IC Reference)
–
Unique ID
–
DSFID value (as written in block 9)
–
AFI value (as written in block 8)
–
Memory size: for the LRI64, there are 15
blocks (0Eh) of 1 byte (00h).
–
IC Reference: only the 6 most significant bits
are used. The product code of the LRI64 is
00 0101b=5d
–
2-byte CRC (Figure 16.)
Otherwise, if there is an error, the Response
Frame (Figure 29.) contains:
–
Response Flags (01h, Table 6.)
–
Error Code (0Fh, Table 7.)
–
2-byte CRC (Figure 16.)
Figure 35. Get System Info, Request Frame Format
Figure 36. Get System Info, Response Frame Format, when Error_Flag is not Set
Figure 37. Get System Info, Response Frame Format, when Error_Flag is Set
Figure 38. Get System Info Frame Exchange between VCD and LRI64
AI09738
Request
SOF
Request
Flags
Command
Code
UID
2-Byte
CRC
Request
EOF
8 bits
8 bits
2Bh
64 bits
16 bits
AI09739
Response
SOF
Response
Flags
Information
Flags
UID
2-Byte
CRC
Response
EOF
8 bits
00h
8 bits
0Fh
64 bits
16 bits
DSFID
8 bits
AFI
8 bits
Memory
Size
16 bits
000Eh
IC
Ref
8 bits
000101xxb
AI09740
Response
SOF
Response
Flags
Error
Code
2-Byte
CRC
Response
EOF
8 bits
01h
8 bits
0Fh
16 bits
AI09724
VCD
VICC
t1
SOF
Get System
Info Request
EOF
SOF
Get System
Info Response
EOF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com