Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI64-MBTG/XXX Datasheet(PDF) 6 Page - STMicroelectronics

Part # LRI64-MBTG/XXX
Description  Memory TAG IC, 64-bit Unique ID with WORM User Area 13.56MHz, ISO15693 and ISO18000-3 Mode 1 Compliant
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64-MBTG/XXX Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LRI64-MBTG/XXX Datasheet HTML 2Page - STMicroelectronics LRI64-MBTG/XXX Datasheet HTML 3Page - STMicroelectronics LRI64-MBTG/XXX Datasheet HTML 4Page - STMicroelectronics LRI64-MBTG/XXX Datasheet HTML 5Page - STMicroelectronics LRI64-MBTG/XXX Datasheet HTML 6Page - STMicroelectronics LRI64-MBTG/XXX Datasheet HTML 7Page - STMicroelectronics LRI64-MBTG/XXX Datasheet HTML 8Page - STMicroelectronics LRI64-MBTG/XXX Datasheet HTML 9Page - STMicroelectronics LRI64-MBTG/XXX Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
LRI64
6/38
SIGNAL DESCRIPTION
AC1, AC0. The pads for the Antenna Coil. AC1
and AC0 must be directly bonded to the antenna.
COMMANDS
The LRI64 supports the following commands:
Inventory. Used to perform the anti-collision se-
quence. The LRI64 answers to the Inventory com-
mand when all of the 64 bits of the UID have been
correctly written.
Stay Quiet. Used to put the LRI64 in Quiet mode.
In this mode, the LRI64 only responds to com-
mands in Addressed mode.
Read Block. Used to output the 8 bits of the se-
lected block.
Write Block. Used to write a new 8-bit value in
the selected block, provided that the block is not
locked. This command can be issued only once to
each block.
Get_System_Info. Used to allow the application
system to identify the product. It gives the LRI64
memory size, and IC reference (IC_ID).
Initial Dialogue for Vicinity Cards
The dialogue between the Vicinity Coupling De-
vice (VCD) and the LRI64 is conducted according
to a technique called Reader Talk First (RTF). This
involves the following sequence of operations:
1.
activation of the LRI64 by the RF operating
field of the VCD
2.
transmission of a command by the VCD
3.
transmission of a response by the LRI64
POWER TRANSFER
Power transfer to the LRI64 is accomplished by in-
ductive coupling of the 13.56MHz radio signal be-
tween the antennas of the LRI64 and VCD. The
RF field transmitted by the VCD induces an AC
voltage on the LRI64 antenna, which is then recti-
fied, smoothed and voltage-regulated. Any ampli-
tude
modulation
present
on
the
signal
is
demodulated by the Amplitude Shift Keying (ASK)
demodulator.
Frequency
ISO 15693 and ISO 18000-3 Mode 1 standards
define the carrier frequency (fC) of the operating
field to be 13.56MHz±7kHz.
Operating Field
The LRI64 operates continuously between Hmin
and Hmax.
–
The minimum operating field is Hmin and has a
value of 150mA/m (rms).
–
The maximum operating field is Hmax and has
a value of 5A/m (rms).
A VCD generates a field of at least Hmin and not
exceeding Hmax in the operating volume.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com