Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXLH Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # AXLH
Description  High Temperature Axial Leaded Aluminum Electrolytic Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AXLH Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  AXLH Datasheet HTML 1Page - Cornell Dubilier Electronics AXLH Datasheet HTML 2Page - Cornell Dubilier Electronics AXLH Datasheet HTML 3Page - Cornell Dubilier Electronics AXLH Datasheet HTML 4Page - Cornell Dubilier Electronics AXLH Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Load Life Test
Test
Mount the capacitor on a heat sink with a low thermal resistance path.
Apply the maximum rated voltage for 2000 hrs at +150°C with the
+150°C maximum ripple current applied to the capacitor. After the
test, measure the capacitance, ESR, and DCL at +20°C.
∆C
Capacitance will be within ±15% of the initial value
ESR
ESR will be less than 2 times the initial value
DCL
The leakage current will be within the specified value
Appearance No electrolyte leakage or other visible damage. The markings will be
legible.
Vibration Test
Surge Voltage Test
Storage at Low Temperature Test
Charge and Discharge Test
Test
Clamp the case to the test fixture.
Frequency range is 10 - 2000 Hz. Amplitude of 1.5mm or 20 g
acceleration.
Duration of test is 22 hours in each of three directions.
After the test, measure the capacitance at +20°C.
∆C
Capacitance change from the initial measurement must not exceed 5%.
Appearance No electrolyte leakage or other visible damage.
Test
Subject the capacitor to 1000 surge voltage cycles at +150°C. For each
cycle, apply 1.15 times the rated voltage for 30 seconds followed by no
voltage for 5 min. and 30 seconds. The time constant for charging is 0.1
seconds. After one to two hours, measure the capacitance and esr.
∆C
Capacitance change from the initial measurement must not exceed 15%.
ESR
The ESR will be < 2x initial value.
Appearance No electrolyte leakage or other visible damage.
Test
Subject the capacitor to 72 hours at -55°C. After 16 hours at room
temperature, measure the capacitance and DCL.
∆C
Capacitance change from the initial measurement must not exceed 10%.
DCL
Leakage current will meet the initial specification.
Appearance No electrolyte leakage or other visible damage. The markings are to be
legible.
Test
Subject the capacitor to 1 million charge/discharge cycles at +20°C. For
each cycle, apply the rated voltage for 0.5 seconds using a 0.1 second
charge/discharge time constant. After the test, the following will apply;
∆C
Capacitance will be within ±10% of the initial value.
Appearance No electrolyte leakage or other visible damage.
Type AXLH -40 ºC to +150 ºC
High Temperature Axial Leaded Aluminum Electrolytic Capacitors
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com