Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXLH Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # AXLH
Description  High Temperature Axial Leaded Aluminum Electrolytic Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AXLH Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  AXLH Datasheet HTML 1Page - Cornell Dubilier Electronics AXLH Datasheet HTML 2Page - Cornell Dubilier Electronics AXLH Datasheet HTML 3Page - Cornell Dubilier Electronics AXLH Datasheet HTML 4Page - Cornell Dubilier Electronics AXLH Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Cornell Dubilier
Part Number
Max.
ESR 5-100 kHz
125-150°C
(mΩ)
Maximum Ripple Current *
≥ 5 kHz/+125°C
(A)
≥ 5 kHz/+140°C
(A)
≥ 5 kHz/+150°C
(A)
AXLH222P025ED
10.6
22.2
14
6.3
AXLH332P025EH
7.8
25.8
16.3
7.3
AXLH472P025EL
6.4
28.5
18
8.1
AXLH152P040ED
10
22.8
14.4
6.5
AXLH222P040EH
7.9
25.7
16.2
7.3
AXLH272P040EL
6.7
27.9
17.6
7.9
AXLH471P063ED
17.5
17.3
10.9
4.9
AXLH681P063EH
13
20
12.7
5.7
AXLH901P063EL
10.6
22.2
14
6.3
Type AXLH -40 ºC to +150 ºC
High Temperature Axial Leaded Aluminum Electrolytic Capacitors
Heat-Sinked Ratings
Capacitor Markings
Marking
Description
-- CDM ++
Logo, Polarity Marks
AXLH222P025ED
CDE Part Number
2200 uF 25VDC
Capacitance, Rated Voltage (VDC)
160603
Date Code (Year, Week), Batch Number
* When the capacitor is mounted to a heat-sink using low thermal resistance path.
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com