Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXLH Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # AXLH
Description  High Temperature Axial Leaded Aluminum Electrolytic Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AXLH Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  AXLH Datasheet HTML 1Page - Cornell Dubilier Electronics AXLH Datasheet HTML 2Page - Cornell Dubilier Electronics AXLH Datasheet HTML 3Page - Cornell Dubilier Electronics AXLH Datasheet HTML 4Page - Cornell Dubilier Electronics AXLH Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Ratings
Rated
Capacitance
100Hz/+20°C
Capacitance
Tolerance
VDC
Cornell Dubilier
Part Number
Case
Size
D x L
Max. ESR
100 Hz/+20°C
Max. ESR
100 kHz/+20°C
Rated
Ripple Current
≥ 5kHz/+125°C
Maximum
Ripple Current
≥ 5kHz/+125°C
(µF)
(%)
(mm)
(mΩ)
(mΩ)
(A)
(A)
2200
-10/+30
25
AXLH222P025ED
20 x 27
50
25
7.1
9.1
3300
-10/+30
25
AXLH332P025EH
20 x 35
34
17
8.9
11.3
4700
-10/+30
25
AXLH472P025EL
20 x 43
25
13
10.3
13.1
1500
-10/+30
40
AXLH152P040ED
20 x 27
57
22
7.3
9.3
2200
-10/+30
40
AXLH222P040EH
20 x 35
41
17
8.9
11.2
2700
-10/+30
40
AXLH272P040EL
20 x 43
32
13
10.1
12.8
470
-10/+30
63
AXLH471P063ED
20 x 27
125
32
5.5
7.0
680
-10/+30
63
AXLH681P063EH
20 x 35
87
23
6.9
8.7
900
-10/+30
63
AXLH901P063EL
20 x 43
67
18
8.1
10.2
Type AXLH -40 ºC to +150 ºC
High Temperature Axial Leaded Aluminum Electrolytic Capacitors
Outline Drawings & Dimensions Table
Size Code
Dimensions in mm
Approximate Weight
(grams)
D
L
d
LL
± 0.5
± 1
± 0.03
±2
ED
20
26.5
1
40
13
EH
20
34.5
1
40
20
EL
20
42.5
1
40
24
Note: Bend leads at least 3.5 mm from the case.
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com