Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXLH Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # AXLH
Description  High Temperature Axial Leaded Aluminum Electrolytic Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AXLH Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  AXLH Datasheet HTML 1Page - Cornell Dubilier Electronics AXLH Datasheet HTML 2Page - Cornell Dubilier Electronics AXLH Datasheet HTML 3Page - Cornell Dubilier Electronics AXLH Datasheet HTML 4Page - Cornell Dubilier Electronics AXLH Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Type AXLH capacitors are a new generation of high performance
aluminum electrolytic capacitors rated up to 2000 hours at 150 ºC.
They are designed for applications that place high demands on a
capacitor. The capacitor’s outstanding features include low ESR, low
leakage current, a long shelf life and a high ripple current capability.
Highlights
- 150 °C Operating Temperature
- Up to 28 Amps RMS Continuous Ripple Current
- Capacitance Range: 470 µF to 4700 µF
- High Vibration Resistance
- Very Long Shelf Life
- Low Leakage Current
Specifications
Capacitance Range (100 Hz/+20 ºC)
470 to 4700 µF
Capacitance Tolerance (100 Hz/+20 ºC)
-10/+30%
Rated Voltage
25, 40, 63 Vdc
Operating Temperature
-40 ºC to +150 ºC
Leakage Current (at 20°C)
I = 0.003 CV +4.0 µA; after 5 minutes at rated voltage
I = leakage current in µAmps
C = rated capacitance in µF
V = rated DC Working voltage in Volts
Ripple Current vs. Frequency Correction Factors
Shelf Life
(+105 ºC/0 Vdc): 5000 hours
(+40 ºC/0 Vdc): 10 years
Standard
IEC 60384-4 long life grade 40/125/56
RoHS Compliant
Type AXLH -40 ºC to +150 ºC
High Temperature Axial Leaded Aluminum Electrolytic Capacitors
HigH Performance axial leaded aluminum electrolyic caPacitors
Frequency (Hz)
100
300
1000 5000
100 kHz
Ripple Current Correction Factor
0.35
0.57
0.8
1
1.04
AXLH
222
P
025
E
D
Case
Type
Capacitance
Capacitance Tolerance
Voltage Code
Case Dia.Code
Length Code
222 = 2200 µF
P = -10/+30%
025 = 25 Vdc
E = 20 mm
D = 27 mm
040 = 40 Vdc
H = 35 mm
063 = 63 Vdc
L = 43 mm
Part Numbering System
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800


Similar Part No. - AXLH

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXLCM610-AU AXTAL-AXLCM610-AU Datasheet
254Kb / 2P
Langasite Crystal Microbalance Element
2014-06-02
AXLCM620-AU AXTAL-AXLCM620-AU Datasheet
254Kb / 2P
Langasite Crystal Microbalance Element
2014-06-02
logo
Ashcroft, Inc.
AXLDP ASHCROFT-AXLDP Datasheet
504Kb / 3P
AXLdp Low Differential Pressure Transducer
RevE_10-21-22
logo
Advanced XTAL Products
AXLE10 AXTAL-AXLE10 Datasheet
55Kb / 2P
TCXO
2005-05-22
AXLE1000 AXTAL-AXLE1000 Datasheet
107Kb / 4P
UHF Temperature Compensated Crystal Oscillator (TCXO)
More results

Similar Description - AXLH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SERIE118AHT ETC-SERIE118AHT Datasheet
1,008Kb / 19P
Aluminum electrolytic capacitors Axial High Temperature
logo
Cornell Dubilier Electr...
SKA470M6R3 CDE-SKA470M6R3 Datasheet
387Kb / 3P
Axial Leaded Aluminum Electrolytic Capacitors
TC1530 CDE-TC1530 Datasheet
152Kb / 2P
Axial Leaded Aluminum Electrolytic Capacitors
TCG252U010L1C CDE-TCG252U010L1C Datasheet
167Kb / 3P
Axial Leaded Aluminum Electrolytic Capacitors
logo
RFE international
TG470M1ATR050120 RFE-TG470M1ATR050120 Datasheet
117Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS TG Series: Axial High Temperature
logo
Vishay Siliconix
118AHT VISHAY-118AHT_17 Datasheet
245Kb / 11P
Aluminum Electrolytic Capacitors Axial High Temperature
20-Apr-17
119AHT-DIN VISHAY-119AHT-DIN_17 Datasheet
234Kb / 11P
Aluminum Electrolytic Capacitors Axial High Temperature, DIN-Based
09-Jan-17
118AHT VISHAY-118AHT_V01 Datasheet
223Kb / 11P
Aluminum Electrolytic Capacitors Axial High Temperature
20-Apr-17
119AHT-DIN VISHAY-119AHT-DIN_V01 Datasheet
213Kb / 11P
Aluminum Electrolytic Capacitors Axial High Temperature, DIN-Based
09-Jan-17
120ATC VISHAY-120ATC_V01 Datasheet
196Kb / 7P
Aluminum Electrolytic Capacitors Axial High Temperature, High Ripple Current
04-Mar-2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com