Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHVDAC-253M Datasheet(PDF) 13 Page - STMicroelectronics

Part # STHVDAC-253M
Description  Antenna tuning circuit
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHVDAC-253M Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STHVDAC-253M Datasheet HTML 9Page - STMicroelectronics STHVDAC-253M Datasheet HTML 10Page - STMicroelectronics STHVDAC-253M Datasheet HTML 11Page - STMicroelectronics STHVDAC-253M Datasheet HTML 12Page - STMicroelectronics STHVDAC-253M Datasheet HTML 13Page - STMicroelectronics STHVDAC-253M Datasheet HTML 14Page - STMicroelectronics STHVDAC-253M Datasheet HTML 15Page - STMicroelectronics STHVDAC-253M Datasheet HTML 16Page - STMicroelectronics STHVDAC-253M Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
DocID025735 Rev 1
13/27
STHVDAC-253M
Theory of operation
27
3.11
Settling time
The ST HVDAC will set the bias voltage of the tuner within 10µs typical after
•
Bus Park (BP) of register28 write sequence data frame if trigger mode is enabled
•
Bus Park (BP) of register 0/1/2/3 write sequence data frame if trigger mode is disabled
3.12
Operation with 1 to 3 tunable capacitors
With triggers:
It is recommended to use trigger so that outputs will be activated by write to REG_28. In
order to use the trigger, it is required to change the TRIG_MASK to 0.
When only one tunable capacitor is required it is recommended to use the REG_0
associated to OUTC.
When several tunable capacitors are required it is recommended to use extended register
write so that all DAC registers can be programmed with only one command.
The Figure 6 below represents operation when trigger and extended write are in use.
Figure 6. Operating with triggers
Table 7. Timing
Conditions: AVDD from 2.3 to 5 V, VIO from 1.65 to 1.95 V, Tamb from -30 °C to +85 °C, OUTA-
OUTC unless otherwise specified
Symbol
Parameter
Condition
min
typ
(1)
1. Typical value are provided for IND = 15 µH
max unit
Tactive
activation time
Activation time from shutdown to active
mode
100 300
µs
Tset+
Output positive settling
time at 95%
Vout = 2 V to 20 V
equivalent load of 15 Kohms and 1 nF
10
35
µs
Tset-
Output negative settling
time at 95%
Vout = 20 V to 2 V
equivalent load of 15 Kohms and 1 nF
10
35
µs
PWR_
MODE
REG_28 write(0x001C)
REG_0 write
(one tunablecapacitor)
DAC
OUTC
DAC
OUTC
DAC
OUTC
DAC
OUTC
DAC
OUTB
DAC
OUTB
DAC
OUTA
DAC
OUTA
Extended REGISTER write
(2 or 3 tunablecapacitor)
Tunable capacitor #1
(associated to OUTC)
TRIG
Initial value
Initial value
Initial value
10
µs
TRIG
Value change
Value change
Value change
10
µs
PWR_
MODE
Low Power
Initial value
Value change
Low Power
Active
100
µs
100
µs
(associated to OUTB)
(associated to OUTA)
Tunable capacitor #2
Tunable capacitor #3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com