Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHVDAC-253M Datasheet(PDF) 23 Page - STMicroelectronics

Part # STHVDAC-253M
Description  Antenna tuning circuit
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHVDAC-253M Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STHVDAC-253M Datasheet HTML 19Page - STMicroelectronics STHVDAC-253M Datasheet HTML 20Page - STMicroelectronics STHVDAC-253M Datasheet HTML 21Page - STMicroelectronics STHVDAC-253M Datasheet HTML 22Page - STMicroelectronics STHVDAC-253M Datasheet HTML 23Page - STMicroelectronics STHVDAC-253M Datasheet HTML 24Page - STMicroelectronics STHVDAC-253M Datasheet HTML 25Page - STMicroelectronics STHVDAC-253M Datasheet HTML 26Page - STMicroelectronics STHVDAC-253M Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
DocID025735 Rev 1
23/27
STHVDAC-253M
Application schematic
27
Figure 15. Recommended PCB layout
VI/O
Vbat
Cboost
Chv
Rbias
Cdec-A
PTIC
A
B
C
Cdec-B
Cdec-C
CLK
DATA
O Ohm
Cdig
IND 0402
Table 16. Recommended external BOM
Component
Description
Nominal
value
Package
(inch)
Package
(mm)
Recommended P/N
Cboost
Boost supply capacitor
1 µF
0201
0603
AVX: 02016D105MAT2A
Lboost
Boost inductance
15 µH
0603
1608
COILCRAFT: 0603LS-153XGL
10 µH
0402
1005
Murata: LQW15CN100K10
2016
TDK: VLS2016ET-100M
Rbias
Reference bias resistor, 1%
110 k
Ω
0201
0603
Multicomp: MC0.0625W0402
Chv
Boost output capacitance, 50 V
22 nF
0402
1005
Murata: GRM155R71H223KA12
Semco: CL21B223KBCNNNC
Cdec
Decoupling capacitance, 50 V
100 pF
0201
0603
TDK: C0603COG1H101J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com