Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHVDAC-253M Datasheet(PDF) 22 Page - STMicroelectronics

Part # STHVDAC-253M
Description  Antenna tuning circuit
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHVDAC-253M Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STHVDAC-253M Datasheet HTML 18Page - STMicroelectronics STHVDAC-253M Datasheet HTML 19Page - STMicroelectronics STHVDAC-253M Datasheet HTML 20Page - STMicroelectronics STHVDAC-253M Datasheet HTML 21Page - STMicroelectronics STHVDAC-253M Datasheet HTML 22Page - STMicroelectronics STHVDAC-253M Datasheet HTML 23Page - STMicroelectronics STHVDAC-253M Datasheet HTML 24Page - STMicroelectronics STHVDAC-253M Datasheet HTML 25Page - STMicroelectronics STHVDAC-253M Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
Application schematic
STHVDAC-253M
22/27
DocID025735 Rev 1
5
Application schematic
Figure 13. Recommended application schematic
Figure 14. Evaluation board
Chv
STHVDAC
253M
D2
D3
B3
A2
OUTA
OUTB
VIO
VHV
GND_BOOST
GND
IND_BOOST
Rbias
RBIAS
C4
B4
A1
C1
B1
C2
B2
A2
Lin
Lshunt
GG A
C
50 T coaxial
RF switch
connector
STPTIC
STPTIC
FEM OUT
STPTIC
A1
C1
B1
C
C
2
2
B
B
2
2
A
A
2
2
D4
OUTC
Lshunt
ANT
B2
GND
DIG
Cdec
Cdec
Cdec
SEL_ID
A1
DATA
B1
CLK
MIPI
VIO
C3
GND_REF
Lboost
Cboost
C1
A4
A3
AVDD
CDIG
VIO
VBAT
D1
C2
GND
A1
C1
B1
Connect to Q- MIPI
(RFFE master)
Connect to phone
(PTIC + Supply)
30 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com