Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDWC0340EB Datasheet(PDF) 2 Page - MagnaChip Semiconductor.

Part # MDWC0340EB
Description  Common-Drain Dual N-Channel Trench MOSFET 12V, 13.6A, 2.5 m(ohm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDWC0340EB Datasheet(HTML) 2 Page - MagnaChip Semiconductor.

  MDWC0340EB Datasheet HTML 1Page - MagnaChip Semiconductor. MDWC0340EB Datasheet HTML 2Page - MagnaChip Semiconductor. MDWC0340EB Datasheet HTML 3Page - MagnaChip Semiconductor. MDWC0340EB Datasheet HTML 4Page - MagnaChip Semiconductor. MDWC0340EB Datasheet HTML 5Page - MagnaChip Semiconductor. MDWC0340EB Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Dec. 2016. Rev 1.0
MagnaChip Semiconductor Ltd.
2
Ordering Information
Part Number
Temp. Range
Package
Packing
RoHS Status
MDWC0340EBRH
-55~150
oC
WLCSP
Tape and Reel
Halogen Free
Electrical Characteristics (Ta =25
oC unless otherwise noted)
Characteristics
Symbol
Test Condition
Min
Typ
Max
Units
Static Characteristics
Source-Source Breakdown Voltage
BVSSS
IS = 500μA, VGS = 0V
12
-
-
V
Gate Threshold Voltage
VGS(th)
VSS = VGS, IS = 1mA
0.5
1.0
1.5
Cut-Off Current
ISSS
VSS = 12V, VGS = 0V
-
-
1.0
μA
Gate Leakage Current
IGSS
VGS = ±8V, VSS = 0V
-
-
10
μA
Source-Source Resistance
RSS(ON)
VGS = 4.5V, IS = 5.0A
1.9
2.5
3.3
mΩ
VGS = 3.8V, IS = 5.0A
2.0
2.7
3.6
VGS = 3.1V, IS = 5.0A
2.1
3.2
4.8
VGS = 2.5V, IS = 5.0A
2.4
4.1
7.0
Dynamic Characteristics
Total Gate Charge
Qg
V
DS
= 10V, I
D
= 2.5A, V
GS
= 4.5V
-
95.5
-
nC
Gate-Source Charge
Qgs
-
7.0
-
Gate-Drain Charge
Qgd
-
27
-
Input Capacitance
Ciss
V
DS
= 10V, V
GS
= 0V, f = 1MHz
-
3340
-
pF
Reverse Transfer Capacitance
Crss
-
866
-
Output Capacitance
Coss
-
1250
-
Turn-On Delay Time
td(on)
VGS = 4.5V, VDS = 10V,
ID = 5A, RGEN = 3Ω
-
156
-
ns
Rise Time
tr
-
570
-
Turn-Off Delay Time
td(off)
-
4750
-
Fall Time
tf
-
9000
-
Body Diode Characteristics
Source-Source Diode Forward Voltage
VF(S-S)
I
S
= 1.0A, V
GS
= 0V
-
0.7
1.2
V
Note *1. Mounted on FR4 board
“jesd51-7” (76.2mm x 114.3mm x t1.6mm),
*2. t= 10us, Duty Cycle ≤ 1%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com