Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDWC0340EB Datasheet(PDF) 1 Page - MagnaChip Semiconductor.

Part # MDWC0340EB
Description  Common-Drain Dual N-Channel Trench MOSFET 12V, 13.6A, 2.5 m(ohm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDWC0340EB Datasheet(HTML) 1 Page - MagnaChip Semiconductor.

  MDWC0340EB Datasheet HTML 1Page - MagnaChip Semiconductor. MDWC0340EB Datasheet HTML 2Page - MagnaChip Semiconductor. MDWC0340EB Datasheet HTML 3Page - MagnaChip Semiconductor. MDWC0340EB Datasheet HTML 4Page - MagnaChip Semiconductor. MDWC0340EB Datasheet HTML 5Page - MagnaChip Semiconductor. MDWC0340EB Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Dec. 2016. Rev 1.0
MagnaChip Semiconductor Ltd.
1
Absolute Maximum Ratings (Ta = 25
oC unless otherwise noted)
Characteristics
Symbol
Rating
Units
Source-Source Voltage
VSSS
12
V
Gate-Source Voltage
VGSS
±8
V
Source Current
DC
*1
IS
13.6
A
Pulse
*2
ISp
110
A
Total Power Dissipation
DC
*1
PD
0.89
W
Channel Temperature
Tch
150
oC
Junction and Storage Temperature Range
TJ, Tstg
-55~150
oC
Thermal Characteristics
Characteristics
Symbol
Rating
Unit
Thermal Resistance
RθJA
140
oC/W
MDWC0340EB
Common-Drain Dual N-Channel Trench MOSFET 12V, 13.6A, 2.5 mΩ
General Description
The MDWC0340EB
uses advanced MagnaChip’s
MOSFET Technology, which provides high performance in
on-state resistance and excellent reliability. Excellent low
RSS(ON), low gate charge operation and operation for
Battery Application.
Features
- VSS = 12V
- Source-Source ON Resistance;
RSS(ON) typ. 2.5mΩ @ VGS = 4.5V
RSS(ON) typ. 2.7mΩ @ VGS = 3.8V
RSS(ON) typ. 3.2mΩ @ VGS = 3.1V
RSS(ON) typ. 4.1mΩ @ VGS = 2.5V
Applications
- Portable Battery Protection
Top View
3.54mm*1.77mm WLCSP
1. Source (FET1)
2. Gate (FET1)
3. Source (FET1)
4. Source (FET2)
5. Gate (FET2)
6. Source (FET2)


Similar Part No. - MDWC0340EB

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDWC0342E MGCHIP-MDWC0342E Datasheet
1Mb / 6P
Common-Drain Dual N-Channel Trench MOSFET 12V
Jan. 2021. Rev 1.2
MDWC0342ERH MGCHIP-MDWC0342ERH Datasheet
1Mb / 6P
Common-Drain Dual N-Channel Trench MOSFET 12V
Jan. 2021. Rev 1.2
More results

Similar Description - MDWC0340EB

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOC3860 AOSMD-AOC3860 Datasheet
350Kb / 5P
12V Common-Drain Dual N-Channel MOSFET
AOC3860A AOSMD-AOC3860A Datasheet
387Kb / 5P
12V Common-Drain Dual N-Channel MOSFET
AOC3862 AOSMD-AOC3862 Datasheet
324Kb / 5P
12V Common-Drain Dual N-Channel MOSFET
AOC3868 AOSMD-AOC3868 Datasheet
366Kb / 5P
12V Common-Drain Dual N-Channel MOSFET
AOC3870 AOSMD-AOC3870 Datasheet
438Kb / 5P
12V Common-Drain Dual N-Channel MOSFET
AOC3870A AOSMD-AOC3870A Datasheet
413Kb / 5P
12V Common-Drain Dual N-Channel MOSFET
AOC3870C AOSMD-AOC3870C Datasheet
700Kb / 5P
12V Common-Drain Dual N-Channel MOSFET
Rev.1.1: March 2020
AOCA24106C AOSMD-AOCA24106C Datasheet
554Kb / 5P
12V Common-Drain Dual N-Channel MOSFET
Rev.1.0: April 2020
AOCA24108E AOSMD-AOCA24108E Datasheet
448Kb / 5P
12V Common-Drain Dual N-Channel MOSFET
Rev.1.0: July 2018
AOCA32107E AOSMD-AOCA32107E Datasheet
500Kb / 5P
12V Common-Drain Dual N-Channel MOSFET
Rev.1.0: February 2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com