Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDWC0340EB Datasheet (PDF) - MagnaChip Semiconductor.

Part # MDWC0340EB
Description  Common-Drain Dual N-Channel Trench MOSFET 12V, 13.6A, 2.5 m(ohm)
File Size   1065.0 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDWC0340EB Datasheet (PDF) - MagnaChip Semiconductor.



Similar Part No. - MDWC0340EB

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDWC0342E MGCHIP-MDWC0342E Datasheet
1Mb / 6P
Common-Drain Dual N-Channel Trench MOSFET 12V
Jan. 2021. Rev 1.2
MDWC0342ERH MGCHIP-MDWC0342ERH Datasheet
1Mb / 6P
Common-Drain Dual N-Channel Trench MOSFET 12V
Jan. 2021. Rev 1.2
More results


Similar Description - MDWC0340EB

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOC3860 AOSMD-AOC3860 Datasheet
350Kb / 5P
12V Common-Drain Dual N-Channel MOSFET
AOC3860A AOSMD-AOC3860A Datasheet
387Kb / 5P
12V Common-Drain Dual N-Channel MOSFET
AOC3862 AOSMD-AOC3862 Datasheet
324Kb / 5P
12V Common-Drain Dual N-Channel MOSFET
AOC3868 AOSMD-AOC3868 Datasheet
366Kb / 5P
12V Common-Drain Dual N-Channel MOSFET
AOC3870 AOSMD-AOC3870 Datasheet
438Kb / 5P
12V Common-Drain Dual N-Channel MOSFET
AOC3870A AOSMD-AOC3870A Datasheet
413Kb / 5P
12V Common-Drain Dual N-Channel MOSFET
AOC3870C AOSMD-AOC3870C Datasheet
700Kb / 5P
12V Common-Drain Dual N-Channel MOSFET
Rev.1.1: March 2020
AOCA24106C AOSMD-AOCA24106C Datasheet
554Kb / 5P
12V Common-Drain Dual N-Channel MOSFET
Rev.1.0: April 2020
AOCA24108E AOSMD-AOCA24108E Datasheet
448Kb / 5P
12V Common-Drain Dual N-Channel MOSFET
Rev.1.0: July 2018
AOCA32107E AOSMD-AOCA32107E Datasheet
500Kb / 5P
12V Common-Drain Dual N-Channel MOSFET
Rev.1.0: February 2020
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com