Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDWC0340EB Datasheet(PDF) 3 Page - MagnaChip Semiconductor.

Part # MDWC0340EB
Description  Common-Drain Dual N-Channel Trench MOSFET 12V, 13.6A, 2.5 m(ohm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDWC0340EB Datasheet(HTML) 3 Page - MagnaChip Semiconductor.

  MDWC0340EB Datasheet HTML 1Page - MagnaChip Semiconductor. MDWC0340EB Datasheet HTML 2Page - MagnaChip Semiconductor. MDWC0340EB Datasheet HTML 3Page - MagnaChip Semiconductor. MDWC0340EB Datasheet HTML 4Page - MagnaChip Semiconductor. MDWC0340EB Datasheet HTML 5Page - MagnaChip Semiconductor. MDWC0340EB Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Dec. 2016. Rev 1.0
MagnaChip Semiconductor Ltd.
3
Fig.5 Transfer Characteristics
Fig.1 On-Region Characteristics
Fig.2 On-Resistance Variation with
Source Current and Gate Voltage
Fig.6 Body Diode Characteristics
Fig.4 On-Resistance Variation with
Gate to Source Voltage
0.00
0.05
0.10
0.15
0.20
0
2
4
6
8
10
2.0V
3.1V
V
GS = 4.5V
3.8V
2.5V
V
SS, Source-Source Voltage [V]
0
1
2
3
0
1
2
3
4
5
V
GS, Gate-Source Voltage [V]
* Notes :
V
SS = 5V
Fig.3 On-Resistance Variation with
Temperature
3.8V
1
2
3
4
5
6
7
8
9
2
4
6
8
10
V
GS = 4.5V
3.1V
2.5V
2.0V
I
S, Source Current [A]
1
2
3
4
0
5
10
15
20
* Notes :
I
S = 2.5A
V
GS, Gate to Source Volatge [V]
-50
0
50
100
150
0.6
0.8
1.0
1.2
1.4
1.6
T
J, Junction Temperature (
oC)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.1
1
10
* Notes :
V
GS = 0V
Body Diode Forward voltage [V]



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com