Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDALC6-4N4 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ESDALC6-4N4
Description  ESD array with low capacitance
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC6-4N4 Datasheet(HTML) 2 Page - STMicroelectronics

  ESDALC6-4N4 Datasheet HTML 1Page - STMicroelectronics ESDALC6-4N4 Datasheet HTML 2Page - STMicroelectronics ESDALC6-4N4 Datasheet HTML 3Page - STMicroelectronics ESDALC6-4N4 Datasheet HTML 4Page - STMicroelectronics ESDALC6-4N4 Datasheet HTML 5Page - STMicroelectronics ESDALC6-4N4 Datasheet HTML 6Page - STMicroelectronics ESDALC6-4N4 Datasheet HTML 7Page - STMicroelectronics ESDALC6-4N4 Datasheet HTML 8Page - STMicroelectronics ESDALC6-4N4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Characteristics
ESDALC6-4N4
2/11
Doc ID 022191 Rev 2
1
Characteristics
Figure 2.
Electrical characteristics (definitions)
Table 2.
Electrical characteristics (values, Tamb = 25 °C)
Table 1.
Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
VPP
ESD IEC 61000-4-2, level 4 (contact discharge)
11
kV
PPP
Peak pulse power dissipation (8/20 µs)(1)
1.
For a surge greater than the maximum values, the diode will fail in short-circuit.
Tj initial = Tamb
27
W
Ipp
Repetitive peak pulse current typical value (8/20 µs)
2.3
A
Tj
Maximum junction temperature
125
°C
Tstg
Storage temperature range
-55 + 150
°C
Symbol
Parameter
V
=
Breakdown voltage
I
=
Leakage current @ V
V
=
Stand-off voltage
V
=
Clamping voltage
I
=
Peak pulse current
BR
RM
RM
RM
CL
PP
V
I
VCLVBR
VRM
IF
VF
IRM
IPP
Slope: 1/Rd
Symbol
Test conditions
Min.
Typ.
Max.
Unit
VBR
IR = 1 mA
6
V
IRM
VRM = 3 V
70
nA
VCL
Ipp = 1 A, 8/20 µs
10
V
CVR = 0 V, F = 1 MHz, Vosc = 30 mV
9.5
11
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com