Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDALC6-4N4 Datasheet (PDF) - STMicroelectronics

ESDALC6-4N4 Datasheet PDF - STMicroelectronics
Part # ESDALC6-4N4
Download  ESDALC6-4N4 Download
File Size   150.48 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ESD array with low capacitance

ESDALC6-4N4 Datasheet (PDF)

Go To PDF Page Download Datasheet
ESDALC6-4N4 Datasheet PDF - STMicroelectronics

Part # ESDALC6-4N4
Download  ESDALC6-4N4 Click to download

File Size   150.48 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ESD array with low capacitance

ESDALC6-4N4 Datasheet (HTML) - STMicroelectronics


ESDALC6-4N4 Product details

Description
The ESDALC6-4N4 is monolithic array designed to protect up to 4 lines against ESD transients. It has been designed specifically for the protection of the high speed interface of integrated circuits in portable equipment and miniaturized electronics devices. The µQFN-4L package minimizes PCB space.

Features
■ Stand-off voltage 7 V
■ Very low capacitance: 9.5 pF
■ Small package: 1.0 x 0.8 mm
■ Very thin package: 0.40 mm max
■ Low leakage current: 70 nA at 25 °C

Benefits
■ High ESD protection level
■ High integration
■ suitable for high speed interface

Complies with the following standards
■ IEC 61000-4-2:
    – 15 kV (air discharge)
    – 8 kV (contact discharge)
■ MIL STD 883G- Method 3015-7: class3B:
    – >25 kV (human body model)

Applications
Where transient overvoltage protection and electrical overstress protection in sensitive equipment is required, such as:
■ Communication systems
■ Cellular phone handsets and accessories
■ Video equipment
■ Portable equipment




Similar Part No. - ESDALC6-4N4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDALC6V1-1BM2 STMICROELECTRONICS-ESDALC6V1-1BM2 Datasheet
149Kb / 7P
Single line low capacitance TRANSIL??for ESD protection
11-Jan-2007
ESDALC6V1-1BM2 STMICROELECTRONICS-ESDALC6V1-1BM2 Datasheet
178Kb / 10P
Single line low capacitance Transil for ESD protection
01-Apr-2007
logo
Shanghai Leiditech Elec...
ESDALC6V1-1BM2 LEIDITECH-ESDALC6V1-1BM2 Datasheet
1Mb / 4P
1-Line Bi-directional TVS Diode
Rev : 01.06.2018
logo
TECH PUBLIC Electronics...
ESDALC6V1-1BM2 TECHPUBLIC-ESDALC6V1-1BM2 Datasheet
1Mb / 4P
I-Line Bi-directional TVS Diode
logo
STMicroelectronics
ESDALC6V1-1BM2 STMICROELECTRONICS-ESDALC6V1-1BM2_08 Datasheet
178Kb / 10P
Single line low capacitance Transil for ESD protection
01-Apr-2007
More results


Similar Description - ESDALC6-4N4

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP3004 LITTELFUSE-SP3004 Datasheet
221Kb / 6P
Low Capacitance ESD Protection Array
SP3001 LITTELFUSE-SP3001_10 Datasheet
385Kb / 6P
Low Capacitance ESD Protection Array
logo
Comchip Technology
CSRS045V0P-HF COMCHIP-CSRS045V0P-HF Datasheet
148Kb / 5P
Low Capacitance ESD Protection Array
logo
Diotech Company.
SR05 DIOTECH-SR05 Datasheet
1Mb / 4P
LOW CAPACITANCE TVS ARRAY / ESD ARRAY
SRV05-4 DIOTECH-SRV05-4 Datasheet
938Kb / 4P
LOW CAPACITANCE TVS ARRAY / ESD ARRAY
logo
FutureWafer Tech Co.,Lt...
SR70-5PF FUTUREWAFER-SR70-5PF Datasheet
720Kb / 5P
Low Capacitance ESD array
SR05 FUTUREWAFER-SR05 Datasheet
882Kb / 5P
Low Capacitance ESD array
SR05A FUTUREWAFER-SR05A Datasheet
862Kb / 5P
Low Capacitance ESD array
SR70 FUTUREWAFER-SR70 Datasheet
720Kb / 5P
Low Capacitance ESD array
FDA0560T FUTUREWAFER-FDA0560T Datasheet
1Mb / 11P
Ultra Low Capacitance ESD Array
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com