Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDALC6-4N4 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ESDALC6-4N4
Description  ESD array with low capacitance
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC6-4N4 Datasheet(HTML) 4 Page - STMicroelectronics

  ESDALC6-4N4 Datasheet HTML 1Page - STMicroelectronics ESDALC6-4N4 Datasheet HTML 2Page - STMicroelectronics ESDALC6-4N4 Datasheet HTML 3Page - STMicroelectronics ESDALC6-4N4 Datasheet HTML 4Page - STMicroelectronics ESDALC6-4N4 Datasheet HTML 5Page - STMicroelectronics ESDALC6-4N4 Datasheet HTML 6Page - STMicroelectronics ESDALC6-4N4 Datasheet HTML 7Page - STMicroelectronics ESDALC6-4N4 Datasheet HTML 8Page - STMicroelectronics ESDALC6-4N4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Characteristics
ESDALC6-4N4
4/11
Doc ID 022191 Rev 2
Figure 9.
ESD response to IEC 6100-4-2
(+8 kV contact discharge) on each
channel
Figure 10.
ESD response to IEC 6100-4-2
(-8 kV contact discharge) on each
channel
5 V/div
20 ns/div
5 V/div
20 ns/div
Figure 11.
S21 attenuation measurement
Figure 12.
Analog crosstalk measurement
-30.00
1.0 M
10.0 M
100.0 M
1.0 G
-25.00
-20.00
-15.00
-10.00
-5.00
0.00
F/Hz
dB
100.0 k
100.0k
1.0M
10.0M
100.0M
1.0G
-100.00
-90.00
-80.00
-70.00
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
F/Hz
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com